Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

807-22-001-30-000101 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 807-22-001-30-000101
Description  Spring-Loaded Insulated Spring Pin Spring-Loaded Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

807-22-001-30-000101 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  807-22-001-30-000101 Datasheet HTML 1Page - Mill-Max Mfg. Corp. 807-22-001-30-000101 Datasheet HTML 2Page - Mill-Max Mfg. Corp. 807-22-001-30-000101 Datasheet HTML 3Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 Product Number: 807-22-001-30-000101
Description:
Spring-Loaded Insulated Spring Pin
Spring-Loaded Header
Initial Height .100" (2,54mm)
Single Row
Surface Mount
Plating Code:
22
Shell Plating:
20μ" Gold over 100μ" Nickel
Inner Spring Plating:
10μ" Gold
Packaging:
Packaged in Bulk
#
Of
Pins
A
B
C
Mill-Max
Part
Number
RoHS
Compliant
1
0.100
0.039
0.055
807-22-001-30-000101
 LOOSE PIN:
Pin Used: 0965 (Brass Alloy)
BRASS ALLOY 360 per ASTM B 16, or 385 per ASTM B455
Properties of BRASS ALLOY 360 ASTM B 16:
Chemical composition: Cu 63% (max), Pb 3.7% (max)†, Fe .35% (max), Zn remainder
Temper as machined: H02/H04
Yield Strength: 25-45 ksi
Tensile strength: 57-80 ksi
Hardness as machined: 80-90 Rockwell B
Electrical conductivity: 26% IACS*
Melting point: 1000°C/840°C (liquidus/solidus)
Properties of BRASS ALLOY 385 ASTM B 455:
Chemical composition: Cu 60% (max), Pb 3.5% (max)†, Fe .35% (max), Zn remainder
Temper as machined: H02/H04
Yield Strength: 16 ksi(min)
Tensile strength: 48 ksi(min)
Hardness as machined: 80-90 Rockwell B
Electrical conductivity: 28% IACS*
Melting point: 1000°C/840°C (liquidus/solidus)
After machining, brass parts are often annealed (softened) for subsequent bending, swaging or crimping. A partial anneal
down to 60±10 RB is recommended for 90° bends, a full anneal down to 35±15 RB is recommended for pins or terminals
that are swaged (riveted) to a circuit board or crimped to a wire.
†RoHS-2 directive 2011/65/EU, exemption 6c allows up to 4% lead as an alloy agent in copper.
Mill-Max Mfg. Corp. Datasheet — Last Modified 1/13/2018
Page 1 of 3


Similar Part No. - 807-22-001-30-000101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
807-006-401-101 EDAC-807-006-401-101 Datasheet
112Kb / 2P
807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-101 EDAC-807-006-401-101 Datasheet
263Kb / 3P
807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-102 EDAC-807-006-401-102 Datasheet
112Kb / 2P
807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-102 EDAC-807-006-401-102 Datasheet
263Kb / 3P
807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-103 EDAC-807-006-401-103 Datasheet
263Kb / 3P
807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results

Similar Description - 807-22-001-30-000101

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Glenair, Inc.
667-282 GLENAIR-667-282 Datasheet
200Kb / 1P
Spring-Loaded Cover
logo
Mill-Max Mfg. Corp.
829 MILL-MAX-829 Datasheet
140Kb / 1P
SPRING-LOADED CONNECTORS
logo
Winchester Electronics ...
10276 WINCHESTER-10276 Datasheet
60Kb / 1P
SPRING LOADED CONTACT
logo
Precid-Dip Durtal SA
90621-AS PREDIP-90621-AS Datasheet
56Kb / 1P
Spring Loaded Contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com