Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-170HSD Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-170HSD
Description  devices are ROHS and REACH conform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-170HSD Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-170HSD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-170HSD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-170HSD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-170HSD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-170HSD Datasheet HTML 5Page - OSA Opto Light GmbH OLS-170HSD Datasheet HTML 6Page - OSA Opto Light GmbH OLS-170HSD Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Size 0805
OLS-170 HSD
Copyright © 2018 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 2/18
Page/Seite 1/7
Features:
package 0805
size: 1,9(L) x 1,2(W) x 1,2(H) mm
circuit substrate: glass laminated epoxy
devices are ROHS and REACH conform
lead free solderable, soldering pads: gold
plated
taped in 8 mm blister tape, cathode to
transporting perforation
all devices sorted into luminous intensity
classes
Merkmale:
Bauform 0805
Größe: 1,9 x 1,2 x 1,2 mm
Trägerstreifen: Glasfaserlaminat
Bauteile sind ROHS und REACH konform
Bleifrei lötbar, Lötpads: vergoldet
Gegurtet in 8mm Blistergurt, Kathode zur
Transportperforation
Alle Bauteile in Intensitätsklassen sortiert
 Typical Electro-Optical Characteristics
Typische Elektrooptische Eigenschaften
Measurement conditions
Messbedingungen
Tambient = 23 °C; ttest ≤ 60ms
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Emitting Color
Farbe
red
rot
Forward Voltage (2)
Flussspannung
Uf
If = 20 mA
1,80
2,40
V
Dominant Wavelength (2)
Dominante Wellenlänge
λD
If = 20 mA
615
625
635
nm
FWHM (1)
Halbwertsbreite
Δλ
If = 20 mA
17
nm
Luminous Intensity (2)
Lichtstärke
Iv
If = 20 mA
90
160
mcd
Reverse Current (2)
Sperrstrom
IR
UR = 5V
10
μA
(1)
Typical property, not 100% tested
(2)
100% measured in an automated test system with max 60 ms operation


Similar Part No. - OLS-170HSD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170HSD-C-T OSA-OLS-170HSD-C-T Datasheet
125Kb / 5P
Series 170 - 0805 Standard High luminous intensity
OLS-170HSD-CD-T OSA-OLS-170HSD-CD-T Datasheet
125Kb / 5P
Series 170 - 0805 Standard High luminous intensity
OLS-170HSD-X-T OSA-OLS-170HSD-X-T Datasheet
125Kb / 5P
Series 170 - 0805 Standard High luminous intensity
OLS-170HSD-XD-T OSA-OLS-170HSD-XD-T Datasheet
125Kb / 5P
Series 170 - 0805 Standard High luminous intensity
More results

Similar Description - OLS-170HSD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
devices are ROHS and REACH conform
OLS-210MW OSA-OLS-210MW Datasheet
230Kb / 7P
devices are ROHS and REACH conform
OCU-400UC375 OSA-OCU-400UC375 Datasheet
292Kb / 8P
devices are ROHS and REACH conform
OLS-170SB430 OSA-OLS-170SB430 Datasheet
245Kb / 7P
devices are ROHS and REACH conform
OCU-400UB355 OSA-OCU-400UB355 Datasheet
278Kb / 8P
devices are ROHS and REACH conform
OCU-400UE380 OSA-OCU-400UE380 Datasheet
268Kb / 8P
devices are ROHS and REACH conform
OCU-400UE390 OSA-OCU-400UE390 Datasheet
271Kb / 8P
devices are ROHS and REACH conform
OCU-440UE400 OSA-OCU-440UE400 Datasheet
257Kb / 8P
devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com