Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTH-872-N55T1 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTH-872-N55T1
Description  Photointerrupter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTH-872-N55T1 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTH-872-N55T1 Datasheet HTML 1Page - Lite-On Technology Corporation LTH-872-N55T1 Datasheet HTML 2Page - Lite-On Technology Corporation LTH-872-N55T1 Datasheet HTML 3Page - Lite-On Technology Corporation LTH-872-N55T1 Datasheet HTML 4Page - Lite-On Technology Corporation LTH-872-N55T1 Datasheet HTML 5Page - Lite-On Technology Corporation LTH-872-N55T1 Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LITE-ON
TECHNOLOGY CORPORATION
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS CURVES
(25℃ Ambient Temperature Unless Otherwise Noted)
Part No. : LTH-872-N55T1 DATA SHEET
Page :
5
of
5
BNS-OD-C131/A4


Similar Part No. - LTH-872-N55T1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTH-872-N55 LITEON-LTH-872-N55 Datasheet
385Kb / 10P
   Property of Lite-On Only
LTH-872-N55H LITEON-LTH-872-N55H Datasheet
520Kb / 5P
   Photointerrupter
More results

Similar Description - LTH-872-N55T1

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KW1S50FC COSMO-KW1S50FC Datasheet
365Kb / 2P
   Photointerrupter
KW1S55FC COSMO-KW1S55FC Datasheet
394Kb / 2P
   Photointerrupter
logo
Sharp Corporation
GP1S52VJ000F SHARP-GP1S52VJ000F Datasheet
155Kb / 12P
   Photointerrupter
logo
Seoul Semiconductor
SPS-8T SEOUL-SPS-8T Datasheet
38Kb / 2P
   Photointerrupter
logo
Toshiba Semiconductor
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
   PHOTOINTERRUPTER
logo
COSMO Electronics Corp...
KW1S57FC COSMO-KW1S57FC Datasheet
376Kb / 2P
   Photointerrupter
KW1S54FC COSMO-KW1S54FC Datasheet
375Kb / 2P
   Photointerrupter
KW1S40FC COSMO-KW1S40FC Datasheet
393Kb / 2P
   Photointerrupter
logo
Lite-On Technology Corp...
LTH-306-09 LITEON-LTH-306-09 Datasheet
411Kb / 6P
   Photointerrupter
logo
Hamamatsu Corporation
P6291 HAMAMATSU-P6291 Datasheet
63Kb / 2P
   Photointerrupter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com