Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

364704 Datasheet(PDF) 2 Page - Lumberg

Part # 364704
Description  RAST 5 connectors, pitch 5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

364704 Datasheet(HTML) 2 Page - Lumberg

  364704 Datasheet HTML 1Page - Lumberg 364704 Datasheet HTML 2Page - Lumberg 364704 Datasheet HTML 3Page - Lumberg 364704 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
36 3647
01/2018
2
*a
terminated connector
*b
cable departure 90° or 180°
*c
K = keying
P = positioning
V = space for lock
Environmental conditions
Temperature range
-40 °C/+130 °C 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PA, V-2 according to UL94 1
Contact tab
CuSn, tin-plated
1
component glow wire resistant (GWT 750 °C), testing acc. to IEC 60695-2-11, assessment acc. to
IEC 60335-1 (flame < 2 s)
Mechanical data
Contact tab
6.3 x 0.8 mm according to DIN
42644
Keying proposals
at www.lumberg.com �
at www.lumberg.com �
Connectable conductors for IDT area
Construction
discrete conductor, notched flat
cable 5.0 mm
Section min.
Section max.
Insulation diameter
Approved cables
at www.lumberg.com �
at www.lumberg.com �
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 5 mΩ
Rated current
6 A (0,75 mm², TU 90 °C)
10 A (0,75 mm², TU 60 °C)
Rated voltage
250 V AC
Material group
IIIa (IEC)/2 (UL) (CTI ≥ 250)
Creepage distance
≥ 4,7 mm
Clearance
≥ 4,2 mm
Insulation resistance
> 10 GΩ
Associated products
Counterparts
3611
3615
3615-1
3615-2
3615-3
3623
3623 01 V01
3626
3628
3680
3683
3686
3687
Harnessing equipment
HA364-ST
KHP364
of 4


Similar Part No. - 364704

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364704 ERNI-364704 Datasheet
73Kb / 1P
MSpeed Messerl. 90 PM
logo
Lumberg
364704M08 LUMBERG-364704M08 Datasheet
102Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
More results

Similar Description - 364704

ManufacturerPart #DatasheetDescription
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3615-1 LUMBERG-3615-1 Datasheet
591Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628 LUMBERG-3628_18 Datasheet
356Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628-1 LUMBERG-3628-1_18 Datasheet
634Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3644V167 LUMBERG-3644V167 Datasheet
518Kb / 3P
RAST 5 connectors, pitch 5.0 mm
3647-1 LUMBERG-3647-1_18 Datasheet
457Kb / 3P
RAST 5 connectors, pitch 5.0 mm
3679 LUMBERG-3679_18 Datasheet
510Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361899 LUMBERG-361899 Datasheet
574Kb / 3P
RAST 5 connectors, pitch 5.0 mm
364399 LUMBERG-364399 Datasheet
525Kb / 3P
RAST 5 connectors, pitch 5.0 mm
367399 LUMBERG-367399 Datasheet
430Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com