Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

364704 Datasheet(PDF) 4 Page - Lumberg

Part # 364704
Description  RAST 5 connectors, pitch 5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

364704 Datasheet(HTML) 4 Page - Lumberg

  364704 Datasheet HTML 1Page - Lumberg 364704 Datasheet HTML 2Page - Lumberg 364704 Datasheet HTML 3Page - Lumberg 364704 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
36 3647
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
C (mm)
3647 02
2
3000
300
5
10.2
12.3
3647 03
3
2100
2100
10
15.2
17.3
3647 04
4
1650
1650
15
20.2
22.3
3647 05
5
1350
2700
20
25.2
27.3
3647 06
6
1100
2200
25
30.2
32.3
3647 07
7
950
1900
30
35.2
37.3
3647 08
8
850
1700
35
40.2
42.3
Designation to be completed by further details (e.g. for keying, color or material options).
Packaging:
in bulk, in a cardboard box
of 4


Similar Part No. - 364704

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364704 ERNI-364704 Datasheet
73Kb / 1P
MSpeed Messerl. 90 PM
logo
Lumberg
364704M08 LUMBERG-364704M08 Datasheet
102Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
More results

Similar Description - 364704

ManufacturerPart #DatasheetDescription
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3615-1 LUMBERG-3615-1 Datasheet
591Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628 LUMBERG-3628_18 Datasheet
356Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628-1 LUMBERG-3628-1_18 Datasheet
634Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3644V167 LUMBERG-3644V167 Datasheet
518Kb / 3P
RAST 5 connectors, pitch 5.0 mm
3647-1 LUMBERG-3647-1_18 Datasheet
457Kb / 3P
RAST 5 connectors, pitch 5.0 mm
3679 LUMBERG-3679_18 Datasheet
510Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361899 LUMBERG-361899 Datasheet
574Kb / 3P
RAST 5 connectors, pitch 5.0 mm
364399 LUMBERG-364399 Datasheet
525Kb / 3P
RAST 5 connectors, pitch 5.0 mm
367399 LUMBERG-367399 Datasheet
430Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com