Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887001D1R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV887001D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887001D1R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV887001D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV8870
www.onsemi.com
3
PACKAGE CAPABILITIES
Characteristic
Value
Unit
ESD Capability (All Pins)
Human Body Model
Machine Model
≥ 2.0
≥ 200
kV
V
Moisture Sensitivity Level
1
Package Thermal Resistance
Junction-to-Ambient, RqJA (Note 1)
100
°C/W
1. 1 in2, 1 oz copper area used for heatsinking.
Device Variations
The NCV8870 features several variants to better fit a
multitude of applications. The table below shows the typical
values of parameters for the parts that are currently
available.
TYPICAL VALUES
Part No.
Dmax
fs
tss
Sa
Vcl
Isrc
Isink
VDRV
SCE
NCV887000
93%
50 kHz
26 ms
15 mV/
ms
400 mV
800 mA
600 mA
10.5 V
Y
NCV887001
93%
100 kHz
13 ms
33 mV/
ms
400 mV
800 mA
600 mA
10.5 V
Y
DEFINITIONS
Symbol
Characteristic
Symbol
Characteristic
Symbol
Characteristic
Dmax
Maximum Duty Cycle
fs
Switching Frequency
tss
Soft-Start Time
Sa
Slope Compensating Ramp
Vcl
Current Limit Trip Voltage
Isrc
Gate Drive Sourcing Current
Isink
Gate Drive Sinking Current
VDRV
Drive Voltage
SCE
Short Circuit Enable
ELECTRICAL CHARACTERISTICS
(−40
°C<TJ < 150°C, 3.2 V < VIN < 40 V, unless otherwise specified) Min/Max values are guaranteed by test, design or statistical correlation.
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
GENERAL
Quiescent Current, Sleep Mode
Iq,sleep
VIN = 13.2 V, EN = 0, TJ = 25°C
2.0
mA
Quiescent Current, Sleep Mode
Iq,sleep
VIN = 13.2 V, EN = 0, −40°C < TJ < 125°C
2.0
6.0
mA
Quiescent Current, No switching
Iq,off
Into VIN pin, EN = 1, No Switching
1.5
2.5
mA
Quiescent Current, Switching,
Normal Operation
Iq,on
Into VIN pin, EN = 1, Switching
3.0
6.0
mA
OSCILLATOR
Minimum Pulse Width
ton,min
200
250
300
ns
Maximum Duty Cycle
Dmax
NCV887000
NCV887001
91
91
93
93
95
95
%
Switching Frequency
fs
NCV887000
NCV887001
45
90
50
100
55
110
kHz
Soft-Start Time
tss
From start of switching with VFB = 0 until
reference voltage = VREF
NCV887000
NCV887001
21
10.5
26
13
31
15.5
ms
Soft-Start Delay
tss,dly
From EN
→ 1 until start of switching with
VFB = 0
720
840
ms
Slope Compensating Ramp
Sa
NCV887000
NCV887001
12
28
15
33
18
38
mV/
ms


Similar Part No. - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
More results

Similar Description - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com