Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887001D1R2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCV887001D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887001D1R2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCV887001D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 9Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 10Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 11Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 12Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 13Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 14Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 15Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
NCV8870
www.onsemi.com
15
Table 3. OTA COMPENSATION TRANSFER FUNCTION AND COMPENSATION VALUES
Desired OTA Gain at Cross-over Frequency fc (G)
10
desired_G
fc_gain_db
20
Desired Phase Boost at Cross-over Frequency fc (boost)
q
margin * arg Hctrl_output(fc)
180°
p *
90°
p
180°
Select OTA Compensation Zero to Coincide
with Modulator Pole at fp1 (fz)
w
p1e
2
p
Resulting OTA High Frequency Pole Placement (fp)
fzfc ) fc 2 tan(boost)
fc * fz tan(boost)
Compensation Resistor R2
fpG
fp * fz
V
OUT
1.2 gm
1
)
fc
fp
2
1
)
fz
fp
Compensation Capacitor C1
1
2
p fz R
2
Compensation Capacitor C2
1
2
p fpG
@
R
low gm
R
low ) R1
OTA DC Gain (G0_OTA)
R
low
R
low ) R1
@ gm @ R
0
Low Frequency Zero (
wz1e)
1
2
R
2 ) Resd
R
2ResdC2
1
*
1
* 4
R
2ResdC2
R
2 ) Resd
2
C
1
High Frequency Zero (
wz2e)
1
2
R
2 ) Resd
R
2ResdC2
1
)
1
* 4
R
2ResdC2
R
2 ) Resd
2
C
1
Low Frequency Pole (
wp1e)
1
2
R
0 ) R2 ) Resd
R
2 R0 ) Resd C2
1
*
1
* 4
R
2 R0 ) Resd C2
R
0 ) R2 ) Resd
2
C
1
High Frequency Pole (
wp2e)
1
2
R
0 ) R2 ) Resd
R
2 R0 ) Resd C2
1
)
1
* 4
R
2 R0 ) Resd C2
R
0 ) R2 ) Resd
2
C
1
OTA Transfer Function (GOTA(f))
-G
0_OTA
1
) j
2
pf
w
z1e
1
) j
2
pf
w
p1e
1
) j
2
pf
w
z2e
1
) j
2
pf
w
p2e
The open-loop-response in closed-loop form to verify the
gain/phase margins may be obtained from the following
expression.
T(f)
+ G
OTA(f) Hctrl_output(f)
Low Voltage Operation
If the input voltage drops below the UVLO or MOSFET
threshold voltage, another voltage may be used to power the
device. Simply connect the voltage you would like to boost
to the inductor and connect the stable voltage to the VIN pin
of the device. In boost configuration, the output of the
converter can be used to power the device. In some cases it
may be desirable to connect 2 sources to VIN pin, which can
be accomplished simply by connecting each of the sources
through a diode to the VIN pin.


Similar Part No. - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
More results

Similar Description - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com