Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887001D1R2G Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCV887001D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887001D1R2G Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV887001D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 9Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 10Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 11Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 12Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 13Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 14Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 15Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NCV8870
www.onsemi.com
13
Table 1. BOOST CCM AND DCM TRANSFER FUNCTION EXPRESSIONS (continued)
Sampling Double
Pole (
wn)
p
Ts
Sampling Quality
Coefficient (Qp)
1
p(mc(1 * D) * 0.5)
Fm
1
2M
)
R
OUTTs
LM2
1
2
)
Sa
Sn
1
Sn mc Ts
Hd
h R
OUT
R
i
2V
OUT
D
@
M
* 1
2M
* 1
Control-Output
Transfer Function
(Hctrl_output(f))
Fm Hd
1
) j
2
pf
w
z1
1
* j
2
pf
w
z2
1
) j
2
pf
w
p1
1
) j
2
pf
wnQp
) j
2
pf
wn
2
Fm Hd
1
) j
2
pf
w
z1
1
* j
2
pf
w
z2
1
) j
2
pf
w
p1
1
) j
2
pf
w
p2
Table 2. FLYBACK CCM AND DCM TRANSFER FUNCTION EXPRESSIONS
CCM
DCM
Duty ratio (D)
V
OUT
V
OUT ) NVIN
Where:
V
OUT
NV
IN
2
t
L
t
L +
N2 Lp
Ts ROUT
VOUT/VIN DC Conversion Ra-
tio (M)
N
@ D
1
* D
N
@ D
2
@ t
L
Inductor On-slope (Sn), V/s
VIN
Lp
R
i
VIN
Lp
R
i
Compensation Ramp (mc)
1
)
Sa
Sn
1
)
Sa
Sn
Cout ESR Zero (wz1)
1
r
CF COUT
1
r
CF COUT
Right-Half-Plane Zero (
wz2)
(1
* D)
2
R
OUT
DLp N2
R
OUT
N2 Lp
@
1
M(M
) 1)
Modulator Pole (
wp1)
D 3
t
L
1
) 2
Sa
Sn
) 1 ) D
R
OUT COUT
2
R
OUT COUT
wp2
2F
SW
1
D
1
) 1
M
2
Fm
1
D 2
t
L
1
) 2
Sa
Sn
) 2M ) 1
1
Sn mc Ts


Similar Part No. - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
More results

Similar Description - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com