Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887001D1R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV887001D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887001D1R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV887001D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 9Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 10Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 11Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 12Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 13Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCV8870
www.onsemi.com
10
7. Select Compensator Components
Current Mode control method employed by the NCV8870
allows the use of a simple, Type II compensation to optimize
the dynamic response according to system requirements.
8. Select MOSFET(s)
In order to ensure the gate drive voltage does not drop out
the MOSFET(s) chosen must not violate the following
inequality:
Q
g(total) v
I
drv
fs
Where: Qg(total): Total Gate Charge of MOSFET(s) [C]
Idrv: Drive voltage current [A]
fs: Switching Frequency [Hz]
The maximum RMS Current can be calculated as follows:
I
Q(max) + Iout
D
D
The maximum voltage across the MOSFET will be the
maximum output voltage, which is the higher of the
maximum input voltage and the regulated output voltaged:
V
Q(max) + VOUT(max)
9. Select Diode
The output diode rectifies the output current. The average
current through diode will be equal to the output current:
I
D(avg) + IOUT(max)
Additionally, the diode must block voltage equal to the
higher of the output voltage and the maximum input voltage:
V
D(max) + VOUT(max)
The maximum power dissipation in the diode can be
calculated as follows:
P
D + Vf (max) IOUT(max)
Where: Pd: Power dissipation in the diode [W]
Vf(max): Maximum forward voltage of the diode [V]
10. Determine Feedback Loop Compensation Network
The purpose of a compensation network is to stabilize the
dynamic response of the converter. By optimizing the
compensation network, stable regulation response is
achieved for input line and load transients.
Compensator design involves the placement of poles and
zeros in the closed loop transfer function. Losses from the
boost inductor, MOSFET, current sensing and boost diode
losses
also
influence
the
gain
and
compensation
expressions. The OTA has an ESD protection structure
(RESD
≈ 502 W, data not provided in the datasheet) located
on the die between the OTA output and the IC package
compensation pin (VC). The information from the OTA
PWM feedback control signal (VCTRL) may differ from the
IC-VC signal if R2 is of similar order of magnitude as RESD.
The compensation and gain expressions which follow take
influence from the OTA output impedance elements into
account
.
Type-I compensation is not possible due to the presence
of RESD. The Figures 11 and 12 compensation networks
correspond to a Type-II network in series with RESD.
The resulting control-output transfer function is an accurate
mathematical model of the IC in a boost converter topology.
The model does have limitations and a more accurate SPICE
model should be considered for a more detailed analysis:
The attenuating effect of large value ceramic capacitors
in parallel with output electrolytic capacitor ESR is not
considered in the equations
.
The CCM Boost control-output transfer function
includes operating efficiency as a correction factor to
improve modeling accuracy under low input voltage
and high output current operating conditions where
operating losses becomes significant.


Similar Part No. - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
More results

Similar Description - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com