Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887001D1R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV887001D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887001D1R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV887001D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887001D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2017
January, 2017 − Rev. 11
1
Publication Order Number:
NCV8870/D
NCV8870
Automotive Grade
Non-Synchronous Boost
Controller
The NCV8870 is an adjustable output non−synchronous boost
controller which drives an external N-channel MOSFET. The device
uses peak current mode control with internal slope compensation.
The IC incorporates an internal regulator that supplies charge to the
gate driver.
Protection features include internally-set soft-start, undervoltage
lockout, cycle-by-cycle current limiting, hiccup-mode short-circuit
protection and thermal shutdown.
Additional features include low quiescent current sleep mode and
externally-synchronizable switching frequency.
Features
Peak Current Mode Control with Internal Slope Compensation
1.2 V ±2% Reference voltage
Fixed Frequency Operation
Wide Input Voltage Range of 3.2 V to 40 Vdc, 45 V Load Dump
Input Undervoltage Lockout (UVLO)
Internal Soft-Start
Low Quiescent Current in Sleep Mode
Cycle-by-Cycle Current Limit Protection
Hiccup-Mode Overcurrent Protection (OCP)
Hiccup-Mode Short-Circuit Protection (SCP)
Thermal Shutdown (TSD)
This is a Pb-Free Device
MARKING DIAGRAM
8870xx = Specific Device Code
xx = 00, 01
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
www.onsemi.com
SOIC−8
D SUFFIX
CASE 751
PIN CONNECTIONS
1
8
2
3
4
7
6
5
(Top View)
8870xx
ALYW
G
1
8
EN/SYNC
ISNS
GND
GDRV
VFB
VC
VIN
VDRV
Device
Package
Shipping
ORDERING INFORMATION
NCV887000D1R2G
SOIC−8
(Pb−Free)
2500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV887001D1R2G
SOIC−8
(Pb−Free)
2500 /
Tape & Reel


Similar Part No. - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV887001D1R2G ONSEMI-NCV887001D1R2G Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
More results

Similar Description - NCV887001D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com