Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV70M
Description  150mW Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV70M Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV70M_17 Datasheet HTML 1Page - Micro Commercial Components BAV70M_17 Datasheet HTML 2Page - Micro Commercial Components BAV70M_17 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV70
M
150mW Switching
Diode
Features
Maximum Ratings
Operating Temperature: -
65 to +150
Storage Temperature: -
65 to +150
Average rectified
output current
IO
200mA
Maximum
Instantaneous
Forward Voltage
VF
0.715V
0.855
1.0V
1.25V
IFM =1mA;
IFM =10mA;
IFM =50mA;
IFM =150mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2.5
µA
VR=75Volts
Diode Capacitance
CD
2pF
Measured at 1.0MHz,
VR=0V
Reverse Recovery
Time
Trr
4ns
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision:
B
1 of 3
2017/04/17
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Non-Repetitive Peak
reverse voltage
VRM
100V
Non-Repetitive Peak
Forward Surge Current
2A
1A
IFSM
@1s
@1us
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Fast switching speed
Marking :
A4
High conductance
Micro Commercial Components
M C C
R
SOT-
723
A
C B
D
G
J
E
F
1
2
3
H
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
. 04
3
.0
51
1.1
0
1.30
C
. 0
28
.0
35
E
F
G
.000
.0
02
.0
00
.
050
H
J
.003
.00
6
.0
80
.1
50
B
. 04
3
.0
51
1.1
0
1.
30
0.7
0
0.
90
0.
22
0.
42
.0
09
.0
17
0.
32
0.
12
0.5
4
0.4
3
.00
5
.0
13
.01
7
.02
1
D
.03
1TYP.
0.8
0TYP.
25nA
VR=
25Volts
50µA
VR=75Volts
,Tj=150oC
30µA
VR=
25Volts,Tj=150oC
Repetitive Peak
Forward Current
IFRM 450mA
Power Dissipation
PD
150mW
Thermal Resistance,
Junction to Ambient Air
RθJA 357oC/W
IF=IR=10mA,IR=1mA,
VR=5V,RL=100Ω
Peak Repetitive
Reverse Voltage
Working Peak
Reverse Voltage
DC Reverse Voltage
VRRM
75V
VRWM
VR
Recommended Solder Pad(Unit:mm)
(Tolerance:+/-0.05mm)


Similar Part No. - BAV70M_17

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BAV70M BILIN-BAV70M_17 Datasheet
128Kb / 4P
Dual surface mount switching diode
More results

Similar Description - BAV70M_17

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RZG TSC-TS4148RZG Datasheet
161Kb / 2P
150mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com