Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70M Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAV70M
Description  150mW Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV70M Datasheet(HTML) 2 Page - Micro Commercial Components

  BAV70M_17 Datasheet HTML 1Page - Micro Commercial Components BAV70M_17 Datasheet HTML 2Page - Micro Commercial Components BAV70M_17 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
Revision:
B
2 of 3
2017/04/17
Micro Commercial Components
M C C
R
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
0
50
100
150
200
0.0
0.4
0.8
1.2
1.6
0.1
1
10
100
0
2040
0
6
80
100
1
10
100
1000
10000
T
a
=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(℃)
0.3
3
30
300
3
30
300
3000
Forward
Characteristics
FORWARD VOLTAGE
V
F
(V)
Reverse
Characteristics
T
a
=100℃
T
a
=25℃
REVERSE VOLTAGE
V
R
(V)


Similar Part No. - BAV70M_17

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BAV70M BILIN-BAV70M_17 Datasheet
128Kb / 4P
Dual surface mount switching diode
More results

Similar Description - BAV70M_17

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RZG TSC-TS4148RZG Datasheet
161Kb / 2P
150mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com