Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 9Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 10Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 11Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 12Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 13Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 14Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 15Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 16Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Soft-Start Capacitance (nF)
0
2
4
6
8
10
12
0
100
200
300
400
500
600
D007
ss
ss
ss
ref
t
(ms)
I
(µA)
C
(nF)
V
(V)
0.8
´
=
´
O
V
0.8 (V)
R1 R2
0.8 (V)
-
=
´
13
TPS65321A-Q1
www.ti.com
SLVSE55 – NOVEMBER 2017
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
where
VO = buck regulator output voltage
(1)
7.3.1.8 Soft-Start Pin (SS)
The TPS65321A-Q1 buck regulator regulates the output voltage by referencing the lower of either the internal
voltage reference or the SS pin voltage. A capacitor on the SS pin to ground implements a soft-start time. The
TPS65321A-Q1 buck regulator has an internal pullup current source of 2 μA that charges the external soft-start
capacitor. Equation 2 shows the calculations for the soft-start time (10% to 90%). The voltage reference (Vref) is
0.8 V and the soft-start current (Iss) is 2 μA. The soft-start capacitor must remain lower than 10 nF and greater
than 1 nF.
where
The voltage reference (Vref) is 0.8 V.
The soft-start current (ISS) is 2 µA.
(2)
To secure a smooth power up with effective soft-start, the delay between a shutdown event and a consecutive
power-up event (such as recovering from a UVLO event or from a thermal shutdown event) must be long enough
to allow a complete discharge of the soft-start capacitor. The soft-start capacitor is discharged through an internal
FET when the buck is disabled (EN1 = low). Because the FET has a finite resistance, a minimum disable time is
required to allow discharge of the capacitor. In either case, the buck must be disabled for at least 100 μs. For
soft-start capacitance with values higher than 1.5 nF, the discharge time of the capacitor increases linearly as
shown in Figure 8.
Figure 8. Soft-Start Capacitance Value versus Discharge Time
7.3.1.9 Reset Output, nRST
The nRST pin pf the TPS65321A-Q1 is a open-drain output between the nRST pin and the GND pin. The power-
on-reset output asserts low until the output voltage on the FB1 pin exceeds the setting thresholds (91%) and the
deglitch timer has expired. Additionally, whenever the EN1 pin is low or open, nRST immediately asserts low
regardless of the output voltage. If a thermal shutdown occurs because of excessive thermal conditions, this pin
also asserts low. When the nRST is released (not asserted low) an external resistor connected to any external
bias voltage pulls up this nRST pin.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com