Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 7Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 8Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 9Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 10Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 11Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 12Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 13Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 14Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Error
Amplifier
Voltage
Reference
FB1
SS/TR
COMP
RT/CLK
SW
BOOT
VIN
GND
EN1
Shutdown
Enable
Threshold
Shutdown
PWRGD
PowerPAD
SS
EN2
RST
LDO_OUT
FB2
VIN_LDO
Thermal
Shutdown
UVLO
Shutdown
Logic
Logic
UV
OV
+
+
Maximum
Clamp
Overload
Recovery
PWM
Comparator
Logic
Slope
Compensation
Frequency
Shift
Minimum
Clamp
Pulse Skip
Oscillator
with PLL
Voltage
Supervisor
0.8 V
Linear Regulator
Control
OVTO
R
Q
S
Boot
UVLO
Boot
Charge
Current
Sense
PWM Latch
Copyright © 2017, Texas Instruments Incorporated
Shutdown
FB1
11
TPS65321A-Q1
www.ti.com
SLVSE55 – NOVEMBER 2017
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Buck Regulator
7.3.1.1 Fixed-Frequency PWM Control
The TPS65321A-Q1 buck regulator uses an adjustable, fixed-frequency peak current-mode control. An internal
voltage reference compares the output voltage through external resistors on the FB1 pin to an error amplifier
which drives the COMP pin. An internal oscillator initiates the turnon of the high-side power switch. The device
compares the error amplifier output to the high-side power-switch current. When the power-switch current
reaches the level set by the COMP voltage, the power switch turns off. The COMP pin voltage increases and
decreases as the output current increases and decreases. The device implements a current-limit by clamping the
COMP pin voltage to a maximum level.
7.3.1.2 Slope Compensation Output
The TPS65321A-Q1 buck regulator adds a compensating ramp to the switch-current signal. This slope
compensation prevents sub-harmonic oscillations. The available peak-inductor current remains constant over the
full duty-cycle range.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com