Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65321A-Q1 Datasheet HTML 1Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 2Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 3Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 4Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 5Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 6Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 7Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 8Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
GND
SW
BOOT
VIN
RT/CLK
SS
RST
FB1
EN2
COMP
TPS65321-Q1
EN1
PowerPAD
LDO_OUT
VIN_LDO
FB2
VI = 3.6 V to 36 V
1.1 V to 5.5 V,
280 mA
1.1 V to 20 V,
3.2 A
LDO
Regulator
Control
VI = 3 V to 36 V
Buck
Regulator
Control
Supply
Supply
Copyright © 2017, Texas Instruments Incorporated
Load Current (A)
0
1
2
3
4
0
10
20
30
40
50
60
70
80
90
100
D001
fs = 300 kHz
fs = 2 MHz
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
TPS65321A-Q1 36-V Step-Down Converter With Eco-mode™ and LDO Regulator
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
One High-VIN Step-Down DC-DC Converter
Input Range of 3.6 V to 36 V
250-mΩ High-Side MOSFET
Maximum Load Current 3.2 A, Output
Adjustable 1.1 V to 20 V
Adjustable Switching Frequency 100 kHz to
2.5 MHz
Synchronizes to External Clock
High Efficiency at Light Loads With Pulse-
Skipping Eco-mode™ Control Scheme
Maximum 140-µA Operating Quiescent
Current
Reset Output-Pin (Active Low, Open-Drain)
One High-VIN Low-Dropout (LDO) Voltage
Regulator
Input Range of 3 V to 36 V
280-mA Current Capability With Typical 35-µA
Quiescent Current in No-Load Condition
Low-Dropout Voltage of 300 mV at
IO = 200 mA (Typical)
Overcurrent Protection for Both Regulators
Overtemperature Protection
14-Pin HTSSOP Package With PowerPAD™
Integrated Circuit Package
2 Applications
Automotive Infotainment and Cluster
Advanced Driver Assistance System (ADAS)
Automotive Telematics, eCall
3 Description
The TPS65321A-Q1 device is a combination of a
high-VIN DC-DC step-down converter, referred to as
the buck regulator, with an adjustable switch-mode
frequency from 100-kHz to 2.5-MHz, and a high-VIN
280-mA low-dropout (LDO) regulator. The input range
is 3.6 V to 36 V for the buck regulator, and 3 V to
36 V for the LDO regulator. The buck regulator has
an integrated high-side MOSFET with an active-low,
open-drain power-good output-pin (nRST). The LDO
regulator features a low-input supply current of 45-μA
typical in no-load, also has an integrated MOSFET.
Low-voltage tracking feature enables TPS65321A-Q1
to track the input supply during cold-crank conditions.
The buck regulator provides a flexible design to fit
system needs. The external loop compensation circuit
allows for optimization of the converter response for
the appropriate operating conditions. A low-ripple
pulse-skip mode reduces the no-load input-supply
current to maximum 140 μA.
The device has built-in protection features such as
soft start, current-limit, thermal sensing and shutdown
due to excessive power dissipation. Furthermore, the
device has an internal undervoltage-lockout (UVLO)
function that turns off the device when the supply
voltage is too low.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65321A-Q1
HTSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Buck Efficiency Versus Output Current


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com