Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 2Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 3Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 4Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 5Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 6Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 7Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 8Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 9Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
VI = 6 V to 27 V, EN1 = EN2 = VI, over-operating free-air temperature range TA = –40°C to 125°C and maximum operating
junction temperature TJ = –150°C, unless otherwise noted. VI is the voltage on the battery-supply pins, VIN and VIN_LDO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN (INPUT POWER SUPPLY)
Operating input voltage
Normal mode, after initial start-up
3.6
12
36
V
Shutdown supply current
V(EN1) = V(EN2) = 0 V, 25°C
2
7
μA
Initial start-up voltage
6
36
V
ENABLE AND UVLO (EN1 AND EN2 PINS)
Enable low level
0.7
V
Enable high level
2.5
V
V(VIN)(f)
Internal UVLO falling threshold
Ramp V(VIN) down until output turns OFF
1.8
2.6
3
V
V(VIN)(r)
Internal UVLO rising threshold
Ramp V(VIN) up until output turns ON
2.2
2.8
3.2
V
BUCK REGULATOR
I(Qon)
Operating: non-switching supply
Measured at the VIN pin
V(FB1) = 0.83 V, V(VIN) = 12 V, 25°C
110
140
μA
Output capacitance
ESR = 0.001 Ω to 0.1 Ω, large output
capacitance may be required for load
transient
10
μF
V(ref1)
Voltage reference for FB1 pin
Buck regulator output: 1.1 V to 20 V.
Buck regulator in Continuous Conducting
Mode without Pulse-Skipping
0.788
0.8
0.812
V
DC output voltage accuracy
Includes voltage references, DC load and
line regulation, process and temperature
-2
2
%
DC(LDR)
DC Load regulation, ΔVOUT / VOUT IOUT = 0 to IOUTmax
0.5
%
T(LDSR)
Transient load step response
V(VIN) = 12V, IOUT = 200 mA to 3A, TR =
TF = 1 µs, Buck Output Voltage = 5V, ƒS
= 2 MHz
5
%
BUCK REGULATOR: HIGH-SIDE MOSFET
r(DS(on) HS
FET)
On-resistance
V(VIN) = 12 V, V(SW) = 6 V
127
250
m
tonmin
Minimum on-time
ƒS = 2.5 MHz
115
ns
BUCK REGULATOR: CURRENT-LIMIT
Current-limit threshold
V(VIN) = 12 V, TJ = 25°C
4
6
A
BUCK REGULATOR: TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
ƒS
Switching-frequency range
Under RT mode
100
2500
kHz
Under fixed-frequency PWM mode, with
200 kΩ connected between RT/CLK and
GND pins
523
585
640
kHz
Under CLK mode
300
2200
kHz
Minimum CLK input pulse width
Measures at CLK input = 2.2 MHz
30
ns
RT/CLK
High threshold
1.9
2.2
V
RT/CLK
Low threshold
0.5
0.7
V
RT/CLK
Falling edge to SW rising edge
delay
Measured at 500 kHz with external clock
connected to RT/CLK pin
60
ns
PLL
Lock-in time
Measured at 500 kHz
100
μs
BUCK REGULATOR: INTERNAL SOFT START TIMER
IDischarge(SS)
Soft-start Pin Discharge Current
V(SS) = 1 V, EN1=0, TA = 25°C
50
400
μA
V(SS) = 1 V, EN1=0, TA = 125°C
33
400
μA
LDO REGULATOR
ΔVO(ΔVI)
Line regulation
V(VIN_LDO) = 6 V to 30 V,
I(LDO_OUT) = 10 mA,
V(LDO_OUT) = 3.3 V
20
mV


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com