Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 28Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 29Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 30Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 31Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 32Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 33Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 34Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 35Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
32
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.2.2.3
Output Capacitor
For this example, the specified transient load response is a 3% change in VO for a load step from 0.01 A to 1 A
(full load). For this example, ΔIO = 1 – 0.01 = 0.99 A and ΔVO = 0.03 × 6.5 = 0.195 V. Using these numbers
results in a minimum capacitance of 20.31 μF. This value does not consider the ESR of the output capacitor in
the output voltage change. For ceramic capacitors, the ESR is usually small enough to ignore in this calculation.
Aluminum electrolytic and tantalum capacitors have higher ESR that should be considered. The catch diode of
the regulator cannot sink current, so any stored energy in the inductor produces an output-voltage overshoot
when the load current rapidly decreases. Also, size the output capacitor to absorb the energy stored in the
inductor when transitioning from a high load current to a lower load current. The excess energy that is stored in
the output capacitor increases the voltage on the capacitor. Size the capacitor to maintain the desired output
voltage during these transient periods. Use Equation 27 to calculate the minimum capacitance to keep the output
voltage overshoot to a desired value.
For this example, the worst-case load step is from 1 A to 0.01 A. The output voltage increases during this load
transition, and the stated maximum in our specification is 3% of the output voltage resulting in Vf = 1.03 × 6.5 =
6.7. The initial capacitor voltage, Vi, is the nominal output voltage of 5 V. Using these values, Equation 27 yields
a minimum capacitance of 3.88 μF. Equation 28 calculates the minimum output capacitance required to meet the
output ripple-voltage specification. Equation 28 yields 10.6 μF. Equation 29 calculates the maximum ESR an
output capacitor can have to meet the output ripple-voltage specification. Equation 29 indicates the ESR should
be less than 60.2 mΩ.
The most stringent criterion for the output capacitor is 20.31 μF of capacitance to keep the output voltage in
regulation during a load transient.
Factor in additional capacitance deratings for aging, temperature, and DC bias which increase this minimum
value. For this example, four 22-μF, 25-V and one 1-µF, 25-V ceramic capacitors with 10 mΩ of ESR are used.
Specify an output capacitor that can support the inductor ripple current. Some capacitor data sheets specify the
RMS value of the maximum ripple current. Use Equation 30 to calculate the RMS ripple current that the output
capacitor must support. For this design example, Equation 30 yields 240 mA.
8.2.2.2.4
Compensation
This design example use a different approach for calculating compensation values, beginning with the desired
crossover frequency. Ensure that the crossover frequency is maintained at 10 kHz to provide reasonable phase
margin (PM). To achieve circuit stability, a phase margin greater than 60 degrees and a gain margin less than 15
dB is required. Next, place the zero close to the load pole. The zero is determined using C52 and R56. For this
example, select a value of 10 kΩ for R56 which results in a value of approximately 4.7 nF for C52. The pole,
resulting from C53 and R56, can be placed between 10 times the crossover frequency and 1/3 of the switching
frequency. The gain is adjusted to be maintained over 60 degrees of phase margin and –15 dB of gain margin.
The resulting value of C53 is approximately 100 pF for a pole frequency of 159 kHz.
Use the following component values:
R56 = 12 kΩ
C53 = 56 pF
C52 = 47 nF


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com