Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 27Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 28Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 29Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 30Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 31Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 32Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 33Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 34Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
BOOT
1
VIN
2
VIN_LDO
3
LDO_OUT
4
FB2
5
RST
6
EN2
7
EN1
RT/CLK
SS
FB1
COMP
GND
SW
9 V to 18 V (40 V PK)
C51
0.1 F
TP_PM1
GND
FB1
VIN
1
2
J3
3V3
GND2
1
2
J1
1
2
J2
GND
VCAM
GND
VIO
8
9
10
11
12
13
14
U01
TPS65321QPWPRQ1
10 k
VBATT
C50
47 …F
GND
C1
0.1 …F
R48
240 k
R50
75 k
GND
3.3 V at 250 mA
C61
10 …F
VIN
R62
240 k
FSW 500 kHz
C54
0.01 …F
C52
47 nF
R56
12 k
C53
56 pF
FCO 8.7 kHz
PM > 80 Degs
GM < ±15 dB
D800
B340A-13-F
GND
R57
10
C57
220 pF
MSS1048-103MLB
TP_SW
GND1
R53
51 k
FB1
VFB 800 mV
R54
360 k
GND
R55
49.9
L04 33 …F
6V5
6.5 V at 1 A
C60
1 F
C58
22 F
C59
22 F
C62
22 F
C63
22 F
Copyright © 2017, Texas Instruments Incorporated
31
TPS65321A-Q1
www.ti.com
SLVSE55 – NOVEMBER 2017
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.2 Design Example With 500-kHz Switching Frequency
R55 is for test purposes only.
Figure 23. TPS65321A-Q1 Design Example With 500-kHz Switching Frequency
8.2.2.1 Design Requirements
This example begins with the parameters listed in Table 4.
Table 4. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage, VIN1
9 V to 18 V, typical 12 V
Output voltage, VREG1 (buck regulator)
6.5 V ± 2%
Maximum output current IO_max1
1 A
Minimum output current IO_min1
0.01 A
Transient response 0.01 A to 1 A
3%
Output ripple voltage
1%
Switching frequency ƒSW
500 kHz
Output voltage, VREG2 (LDO regulator)
3.3 V ± 2%
Overvoltage threshold
106% of output voltage
Undervoltage threshold
91% of output voltage
8.2.2.2 Detailed Design Procedure
For the 500-kHz switching-frequency design, make the adjustments as outlined in the following sections. For
sections such as LDO-component calculations, bootstrap-capacitor selection, and others that are not listed in this
section, see the 2-MHzSwitching Frequency, 9-V to 16-V Input, 3.3-V Output Buck Regulator, 5-V Output LDO
Regulator section.
8.2.2.2.1
Selecting the Switching Frequency
For 500-kHz operation, use a 240-kΩ resistor which is calculated using Equation 3. The R62 resistor sets this
switching frequency.
8.2.2.2.2
Output Inductor Selection
Using Equation 22, the inductor value is calculated as 27.7 μH with KIND = 0.3. This design example can allow for
a higher ripple current, therefore, select the nearest standard value of 33 µH. The RMS and peak inductor-
current ratings are calculated using Equation 24 and Equation 25 which result in 1.00 A and 1.13 A, respectively.
The value of the output-filter inductor must not exceed the RMS-current and saturation-current ratings.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com