Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 24Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 25Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 26Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 27Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 28Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 29Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 30Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 31Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
S
1
C2
π
R3
ƒ
=
´
´
O
ESR
C
R
C2
R3
´
=
P _ mod
1
C1
R3
ƒ
=
´
´
28
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(39)
Equation 37 yields 4.69 nF for compensating capacitor C1 (see the schematic in Figure 16). For this design,
select a value of 4.7 nF for C1.
To implement a compensation pole as needed, use an additional capacitor, C2, in parallel with the series
combination of R3 and C1. Use Equation 40 and Equation 41 to calculate the value of C2 and select the larger
resulting value to set the compensation pole. Type 2B compensation does not use C2 because it would demand
a low ESR of the output capacitor.
(40)
(41)
8.2.1.2.10
LDO Regulator
Depending on the end application, use different values of external components can be used. To program the
output voltage, carefully select the feedback resistors, R5 and R6 (see the schematic in Figure 16). Using smaller
resistors results in higher current consumption, whereas using very large resistors impacts the sensitivity of the
regulator. Therefore selecting feedback resistors such that the sum of R5 and R6 is between 20 kΩ and 200 kΩ
is recommended.
If the desired regulated output voltage is 5 V on selecting R6, the value of R5 can be calculated. With Vref = 0.8 V
(typical), VO = 5 V, and selecting R6 = 18 kΩ, the calculated value of R5 is 95.3 kΩ.
An output capacitor for the LDO regulator is required (see C10 in Figure 16) to prevent the output from
temporarily dropping down during fast load steps. TI recommends a low-ESR ceramic capacitor with dielectric of
type X5R or X7R. Additionally, a bypass capacitor can be connected at the output to decouple high-frequency
noise based on the requirements of the end application.
8.2.1.2.11
Power Dissipation
8.2.1.2.11.1
Power Dissipation Losses of the Buck Regulator
Use the following equations to calculate the power dissipation losses for the buck regulator. These losses are
applicable for continuous-conduction-mode (CCM) operation.
1. Conduction loss:
PCON = IO
2 × r
DS(on) × (VO / VI)
where
IO is the buck regulator output current
VO is the buck regulator output voltage
VI is the input voltage
(42)
2. Switching loss:
PSW = ½ × VI × IO × (tr + tf) × fS
where
tr is the FET switching rise time (tr maximum = 20 ns)
tf is the FET switching fall time (tf maximum = 20 ns)
ƒS is the switching frequency of the buck regulator
(43)
3. Gate drive loss:
PGate = Vdrive × Qg × ƒsw
where
Vdrive is the FET gate-drive voltage (typically Vdrive = 6 V)
Qg = 1 × 10
–9 (nC, typical)
(44)


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com