Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 22Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 23Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 24Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 25Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 26Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 27Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 28Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 29Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
O
O
ss
O(avg)
C
V
0.8
t
I
´
´
>
O
I
I
S
I max
0.25
V
C
ƒ
´
D
=
´
O
I
O
CI(RMS)
O
I
I
V
(V min V )
I
I max
V min
V min
-
=
´
´
26
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
For the example design, the selection of a Schottky diode is SL44-E3/57 based on the low forward voltage of this
diode. This diode is also available in a larger package size, which has better thermal characteristics. The typical
forward voltage of the SL44-E3/57 is 0.44 V.
Also, select a diode with an appropriate power rating. The diode conducts the output current during the off-time
of the internal power switch. The off-time of the internal switch is a function of the maximum input voltage, the
output voltage, and the switching frequency. The output current during the off-time, multiplied by the forward
voltage of the diode, equals the conduction losses of the diode. At higher switching frequencies, consider the AC
losses of the diode. The AC losses of the diode are because the charging and discharging of the junction
capacitance and reverse recovery.
8.2.1.2.5
Input Capacitor Selection for the Buck Regulator
The TPS65321A-Q1 device requires a high-quality ceramic input decoupling capacitor (type X5R or X7R) of at
least 3 µF of effective capacitance, and in some applications a bulk capacitance. The effective capacitance
includes any DC bias effects. The voltage rating of the input capacitor must be greater than the maximum input
voltage. The capacitor must also have a ripple-current rating greater than the maximum input-current ripple of the
TPS65321A-Q1 device. Use Equation 31 to calculate the input ripple current (ICI(RMS)).
The value of a ceramic capacitor varies significantly over temperature and the amount of DC bias applied to the
capacitor. Minimize the capacitance variations because of temperature by selecting a dielectric material that is
stable over temperature. Designers usually select X5R and X7R ceramic dielectrics for power regulator
capacitors because these capacitors have a high capacitance-to-volume ratio and are fairly stable over
temperature. Also, select the output capacitor with the DC bias taken into consideration. The capacitance value
of a capacitor decreases as the DC bias across a capacitor increases.
This design requires a capacitor with at least a 40-V voltage rating to support the maximum input voltage.
Common standard capacitor voltage ratings include 4 V, 6.3 V, 10 V, 16 V, 25 V, 50 V, 63V, or 100 V. For this
design example. The selection for this example is a 100-µF, 50-V capacitor (see C8 in Figure 16).
(31)
The input-capacitance value determines the input ripple voltage of the regulator. Use Equation 32 to calculate the
input ripple voltage (ΔVI).
(32)
Using the design example values, IOmax = 3 A, CI = 100 µF, ƒS = 2200 kHz, yields an input ripple voltage of 3.4
mV and an RMS input ripple current of 1.49 A.
8.2.1.2.6
Soft-Start Capacitor Selection for the Buck Regulator
The soft-start capacitor determines the minimum amount of time required for the output voltage to reach the
nominal programmed value during power up which is useful if a load requires a controlled-voltage slew rate. This
feature is also useful if the output capacitance is large and requires large amounts of current to charge the
capacitor quickly to the output voltage level. The large currents required to charge the capacitor may make the
TPS65321A-Q1 device reach the current limit, or excessive current draw from the input power supply may cause
the input voltage rail to sag. Limiting the output voltage-slew rate solves both of these problems.
The soft-start time must be long enough to allow the regulator to charge the output capacitor up to the output
voltage without drawing excessive current. Use Equation 33 to calculate the minimum soft-start time, tss, required
to charge the output capacitor, CO, from 10% to 90% of the output voltage, VO, with an average load current of
Io(avg).
(33)
In the example, to charge the effective output capacitance of 94 µF up to 3.3 V while allowing the average output
current to be 3 A requires a 0.083 ms soft-start time.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com