Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 20Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 21Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 22Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 23Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 24Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 25Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 26Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 27Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
O
O
S
O
2
I
C
ƒ
V
´ D
>
´ D
ripple
L peak
O
I
I
I
2
-
=
+
2
2
L RMS
O
ripple
1
I
I
I
12
-
=
+
(
)
O
I
O
ripple
I
o
S
V
V max V
I
V max
L
ƒ
´
-
=
´
´
24
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
For this design example, use KIND = 0.2 and the minimum inductor value which is calculated as 2.27 µH. For this
design, select standard value which is 3.3 µH (see L1 in Figure 16). Use Equation 23 to calculate the inductor
ripple current (Iripple). For the output filter inductor, do not to exceed the RMS-current and saturation-current
ratings. Use Equation 24 and Equation 25 to calculate the RMS current (IL-RMS) and the peak inductor (IL-peak).
(23)
(24)
(25)
For this design, the RMS inductor current is 3 A, the peak inductor current is 3.21 A, and the inductor ripple
current is 0.41 A. The selected inductor is a Coilcraft XAL4030-332ME, which has a saturation-current rating of
5.5 A and an RMS-current rating of 5 A. As the equation set demonstrates, lower ripple current reduces the
output ripple voltage of the buck regulator but requires a larger value of inductance. Selecting higher ripple
currents increases the output ripple voltage of the buck regulator but allows for a lower inductance value.
8.2.1.2.3
Output Capacitor Selection for the Buck Regulator
Consider three primary factors when selecting the value of the output capacitor. The output capacitor determines
the modulator pole, the output ripple voltage, and how the buck regulator responds to a large change in load
current. Select the output capacitance based on the most stringent of these three criteria. The desired response
to a large change in the load current is the first criterion. The output capacitor must supply the load with current
when the regulator cannot. This situation occurs if the desired hold-up times are present for the buck regulator. In
this case, the output capacitor must hold the output voltage above a certain level for a specified amount of time
after the input power is removed. The regulator is also temporarily unable to supply sufficient output current if a
large, fast increase occurs affecting the current requirements of the load, such as a transition from no load to full
load. The buck regulator usually requires two or more clock cycles for the control loop to notice the change in
load current and output voltage, and to adjust the duty cycle to react to the change. Size the output capacitor to
supply the extra current to the load until the control loop responds to the load change. The output capacitance
must be large enough to supply the difference in current for two clock cycles while only allowing a tolerable
amount of droop in the output voltage. Use Equation 26 to calculate the minimum output capacitance required to
supply the difference in current.
where
ΔIO is the change in the buck-regulator output current
ƒS is the switching frequency of the buck regulator
ΔVO is the allowable change in the buck-regulator output voltage
(26)
For this example, the specified transient load response is a 3% change in VO for a load step from 0.01 A to 0.8
A. For this example, ΔIO = 0.8 – 0.01 = 0.79 A and ΔVO = 0.03 × 3.3 = 0.1 V. Using these numbers results in a
minimum capacitance of 7.2 µF. This value does not consider the ESR of the output capacitor in the output
voltage change. For ceramic capacitors, the ESR is usually small enough to ignore in this calculation. Aluminum
electrolytic and tantalum capacitors have higher ESR that must be take into consideration.
The catch diode of the regulator cannot sink current. Therefore any stored energy in the inductor produces an
output-voltage overshoot when the load current rapidly decreases. Also, size the output capacitor to absorb the
energy stored in the inductor when transitioning from a high load current to a lower load current. The excess
energy that is stored in the output capacitor increases the voltage on the capacitor. Size the capacitor to maintain
the desired output voltage during these transient periods.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com