Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 19Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 20Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 21Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 22Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 23Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 24Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 25Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 26Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
I
O
O
O
O
IND
I
S
V max V
V
L min
I
K
V max
ƒ
-
=
´
´
´
23
TPS65321A-Q1
www.ti.com
SLVSE55 – NOVEMBER 2017
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.1 Design Requirements
A few parameters must be known to begin the design process. The determination of these parameters is typically
at the system level. This example begins with the parameters listed in Table 3.
Table 3. Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage, VIN1
6 V to 36 V, nominal 12 V
Output voltage, VREG1 (buck regulator)
3.3 V ± 2%
Maximum output current, IO_max1
3 A
Minimum output current, IO_min1
0.01 A
Transient response, 0.01 A to 0.8 A
3%
Output ripple voltage
1%
Switching frequency, ƒSW
2 MHz
Input voltage, VIN_LDO
6 V to 36 V, nominal 12 V
Output voltage, VREG2 (LDO regulator)
5 V ± 2%
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Switching Frequency Selection for the Buck Regulator
The first step is to decide on a switching frequency for the regulator. Typically, the user selects the highest
switching frequency possible because this produces the smallest solution size. The high switching frequency
allows for lower-valued inductors and smaller output capacitors compared to a power supply that switches at a
lower frequency. The selectable switching frequency is limited by the minimum on-time of the internal power
switch, the input voltage, the output voltage, and the frequency-shift limitation.
Consider minimum on-time and frequency-shift protection as calculated with Equation 4 and Equation 5. To find
the maximum switching frequency for the regulator, select the lower value of the two results. Switching
frequencies higher than these values result in pulse skipping or the lack of overcurrent protection during a short
circuit. The typical minimum on-time, tON-min, is 100 ns for the TPS65321A-Q1 device. For this example, where
the output voltage is 3.3 V and the maximum input voltage is 36 V, use a switching frequency of 2200 kHz. Use
Equation 3 to calculate the timing resistance for a given switching frequency. The R4 resistor sets the switching
frequency. A 2-MHz switching frequency requires a 47-kΩ resistor (see R4 in Figure 16).
8.2.1.2.2
Output Inductor Selection for the Buck Regulator
Use Equation 22 to calculate the minimum value of the output inductor. The output capacitor filters the inductor
ripple current. Therefore, selecting high inductor-ripple currents impacts the selection of the output capacitor
because the output capacitor must have a ripple-current rating equal to or greater than the inductor ripple
current. In general, the inductor ripple value is at the discretion of the designer; however, the following guidelines
can be used to select this value. KIND is a coefficient that represents the amount of inductor ripple current relative
to the maximum output current.
(22)
For designs using low-ESR output capacitors such as ceramics, use a value as high as KIND = 0.3. When using
higher-ESR output capacitors, KIND = 0.2 yields better results. In a wide-input voltage regulator, selecting an
inductor ripple current on the larger side is best because it allows the inductor to still have a measurable ripple
current with the input voltage at a minimum.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com