Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 17Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 18Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 19Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 20Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 21Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 22Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 23Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 24Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
(LDO _ OUT)
V
0.8 (V)
R5
R6
0.8 (V)
-
=
´
21
TPS65321A-Q1
www.ti.com
SLVSE55 – NOVEMBER 2017
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.2.3 Adjusting the Output Voltage
A resistor divider from the output node to the FB2 pin sets the output voltage. TI recommends using 1%
tolerance or better divider resistors. Referring to the schematics in Figure 16, begin with 10 kΩ as the selected
value for the R6 resistor and use Equation 21 to calculate the value of the R5 resistor.
(21)
To improve efficiency at light loads, consider using larger-value resistors. If the values are too high, the regulator
is more susceptible to noise, and voltage errors from the FB2 input current are noticeable.
7.3.3 Thermal Shutdown
The device implements an internal thermal shutdown as protection if the junction temperature exceeds 170°C
(typical). The thermal shutdown forces the buck regulator to stop switching and disables the LDO regulator when
the junction temperature exceeds the thermal trip threshold. Once the junction temperature decreases below
160°C (typical), the device re-initiates the power-up sequence.
7.3.4 Enable and Undervoltage Lockout
The TPS65321A-Q1 device enable pins (EN1 and EN2) are high-voltage-tolerant input pins with an internal
pulldown circuit. A high input activates the device and turns on the regulators.
The TPS65321A-Q1 device has an internal UVLO circuit to shut down the output if the input voltage falls below
an internally-fixed UVLO-falling threshold level. This UVLO circuit ensures that both regulators are not latched
into an unknown state during low-input-voltage conditions. The regulators power up when the input voltage
exceeds the UVLO-rising threshold level.
7.4 Device Functional Modes
The device has two hardware-enable pins as listed in Table 2. The EN1 pin enables and disables the buck
regulator, and the EN2 pin enables and disables the LDO regulator.
Table 2. Device Operation Modes
BUCK
REGULATOR
LDO
REGULATOR
DESCRIPTION
EN1
EN2
0
0
Both the buck regulator and the LDO regulator are disabled.
0
1
The buck regulator is disabled. The LDO regulator is enabled.
1
0
The buck regulator is enabled and the LDO regulator is disabled.
1
1
Both the buck regulator and the LDO regulator are enabled.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com