Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 14Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 15Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 16Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 17Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 18Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 19Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 20Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 21Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Z _ mod
ESR
O
1
ƒ
R
C
=
´
´
P _ mod
L
O
1
ƒ
R
C
=
´
´
dc
ps
L
A
gm
R
=
´
Z
O
dc
C
P
s
1
ƒ
V
A
V
s
1
ƒ
æ
ö
+
ç
÷
´
è
ø
=
´
æ
ö
+
ç
÷
´
è
ø
VO
gmps = 10.5 A/V
VC
Adc
¦P
¦Z
RESR
RL
CO
18
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 12. Simple Small-Signal Model and Frequency Response for Peak-Current Mode
(6)
(7)
(8)
(9)
7.3.1.18 Small-Signal Model for Frequency Compensation
The buck regulator of the TPS65321A-Q1 device uses a transconductance amplifier as the error amplifier.
Figure 13 shows compensation circuits. Implementation of Type 2 circuits is most likely in high-bandwidth power-
supply designs. The purpose of loop compensation is to ensure stable operation while maximizing dynamic
performance. Use of the Type 1 circuit is with power-supply designs that have high-ESR aluminum electrolytic or
tantalum capacitors. Equation 10 and Equation 11 show how to relate the frequency response of the amplifier to
the small-signal model in Figure 13. Modeling of the open-loop gain and bandwidth uses RO and CO shown in
Figure 13. See the Typical Application section for a design example with a Type 2A network that has a low-ESR
output capacitor. For stability purposes, the target must have a loop-gain slope that is –20 dB/decade at the
crossover frequency. Also, the crossover frequency must not exceed one-fifth of the switching frequency (120
kHz in the case of a 600-kHz switching frequency).
For dynamic purposes, the higher the bandwidth, the faster the load-transient response. A large DC gain means
high DC-regulation accuracy (DC voltage changes little with load or line variations). To achieve this loop gain, set
the compensation components according to the shape of the control-output bode plot.
Equation 10 through Equation 20 serve as a reference to calculate the compensation components. RO and C1
form the dominant pole (P1). A resistor (R3) and a capacitor (C1) in series to ground work as zero (Z1). In
addition, add a lower-value capacitor (C2) in parallel with R3 to work as an optional pole. This capacitor can filter
noise at switching frequency, and is also required if the output capacitor has high ESR.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com