Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 13Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 14Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 15Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 16Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 17Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 18Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 19Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 20Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
VO
Vref = 0.8 V
COMP
FB1
Error
Amplifier
gmea
310 µA/V
+
±
SW
Power Stage
gmps = 10.5 A/V
c
R3
RO_ea
R1
R1
RESR
RL
a
b
C2
C1
CO_ea
CO
17
TPS65321A-Q1
www.ti.com
SLVSE55 – NOVEMBER 2017
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 11. Small-Signal Model for Loop Response
7.3.1.17 Simple Small-Signal Model for Peak-Current Mode Control
Figure 12 shows a simple small-signal model that can be used to understand how to design the frequency
compensation. A voltage-controlled current source (duty cycle modulator) supplying current to the output
capacitor and load resistor can approximate the TPS65321A-Q1 buck regulator power stage. Equation 6 shows
the control-to-output transfer function, which consists of a DC gain, one dominant pole, and one ESR zero. The
quotient of the change in switch current divided by the change in COMP pin voltage (node c in Figure 11) is the
power-stage transconductance. The gmps for the TPS65321A-Q1 buck regulator power-stage is 10.5 A/V. Use
Equation 7 to calculate the low-frequency gain of the power stage which is the product of the transconductance
and the load resistance.
As the load current increases and decreases, the low-frequency gain decreases and increases, respectively. This
variation with the load seems problematic at first, but the dominant pole moves with the load current (see
Equation 8). The dashed line in the right half of Figure 12 highlights the combined effect. As the load current
decreases, the gain increases and the pole frequency lowers, keeping the 0-dB crossover frequency the same
for the varying load conditions, which makes designing the frequency compensation easier. The type of output
capacitor chosen determines whether the ESR zero has a profound effect on the frequency compensation
design. Using high-ESR aluminum-electrolytic capacitors can reduce the number of frequency-compensation
components required to stabilize the overall loop because the phase margin increases from the ESR zero at the
lower frequencies (see Equation 9).


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com