Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 12Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 13Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 14Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 15Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 16Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 17Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 18Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 19Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
PLL
RT/CLK
External
Clock
Source
Rfset
4 k
50
10 …F
16
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
When the buck regulator transitions from the PLL mode to the resistor mode, the switching frequency slows
down from the CLK frequency to 150 kHz, then reapplies the 0.5-V voltage. The resistor then sets the switching
frequency. The switching-frequency divisor changes to 8, 4, 2, and 1 as the voltage ramps from 0 to 0.8 V on the
FB1 pin. The buck regulator implements a digital frequency shift to enable synchronizing to an external clock
during standard start-up and fault conditions.
Figure 10. Synchronizing to a System Clock
7.3.1.15 Overvoltage Transient Protection
The TPS65321A-Q1 buck regulator incorporates an overvoltage transient protection (OVTP) circuit to minimize
voltage overshoot when recovering from output fault conditions or strong unload transients on power-supply
designs with low-value output capacitance. For example, with the buck regulator output overloaded, the error
amplifier compares the actual output voltage to the internal reference voltage. If the FB1 pin voltage is lower than
the internal reference voltage for a considerable time, the output of the error amplifier responds by clamping the
error amplifier output to a high voltage, thus requesting the maximum output current. On removal of the condition,
the buck regulator output rises and the error-amplifier output transitions to the steady-state duty cycle. In some
applications, the buck regulator output voltage can respond faster than the error-amplifier output can respond
which leads to possible output overshoot. The OVTP feature minimizes the output overshoot when using a low-
value output capacitor by implementing a circuit to compare the FB1-pin voltage to the OVTP threshold (which is
109% of the internal voltage reference). The FB1 pin voltage exceeding the OVTP threshold disables the high-
side MOSFET, preventing current from flowing to the output and minimizing output overshoot. The FB1 voltage
dropping lower than the OVTP threshold allows the high-side MOSFET to turn on at the next clock cycle.
7.3.1.16 Small-Signal Model for Loop Response
Figure 11 shows an equivalent model for the buck-regulator control loop which can be modeled in a circuit-
simulation program to check frequency response and dynamic load response. The error amplifier is a
transconductance amplifier with a gmea of 310 μS. Model the error amplifier using an ideal voltage-controlled
current source. Resistor, RO, and capacitor, CO, model the open-loop gain and frequency response of the
amplifier. The 1-mV AC-voltage source between nodes a and b effectively breaks the control loop for the
frequency-response measurements. Plotting c versus a shows the small-signal response of the frequency
compensation. Plotting a versus b shows the small-signal response of the overall loop. Check the dynamic loop
response by replacing RL with a current source that has the appropriate load-step amplitude and step rate in a
time-domain analysis. This equivalent model is only valid for continuous-conduction-mode designs.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com