Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 10Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 11Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 12Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 13Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 14Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 15Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 16Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 17Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
L
dc
O
d
S
on
I
L
hs
d
(I
R
V
V )
1
ƒ (max skip)
t
(V
I
R
V )
æ
ö æ
ö
´
+
+
=
´
ç
÷ ç
÷
-
´
+
è
ø è
ø
T
1.0888
S
206033
R (k )
ƒ
(kHz)
W =
14
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.1.10 Overload-Recovery Circuit
The TPS65321A-Q1 buck regulator has an overload recovery (OLR) circuit. The OLR circuit soft-starts the output
from the overload voltage to the nominal regulation voltage on removal of the fault condition. The OLR circuit
discharges the SS pin to a voltage slightly greater than the FB1 pin voltage using an internal pulldown of 382 μA
when the error amplifier changes to a high voltage from a fault condition. On removal of the fault condition, the
output soft starts from the fault voltage to nominal output voltage.
7.3.1.11 Constant Switching Frequency and Timing Resistor (RT/CLK Pin)
The switching frequency of the TPS65321A-Q1 buck regulator is adjustable over a wide range from
approximately 100 kHz to 2500 kHz by placing a resistor on the RT/CLK pin. The RT/CLK pin voltage is 0.5 V
(typical) and must have a resistor to ground to set the switching frequency. To determine the timing resistance
for a given switching frequency, use Equation 3 or the curves in Figure 2. To reduce the solution size, the user
typically sets the switching frequency as high as possible. However, consider tradeoffs of the supply efficiency,
maximum input voltage, and minimum controllable on-time. The minimum controllable on-time is 100 ns (typical)
and limits the maximum operating input voltage. The frequency-shift circuit also limits the maximum switching
frequency. The following sections discuss more details of the maximum switching frequency.
(3)
7.3.1.12 Overcurrent Protection and Frequency Shift
The TPS65321A-Q1 buck regulator implements current-mode control, which uses the COMP pin voltage to turn
off the high-side MOSFET on a cycle-by-cycle basis. During each cycle, the switch current and COMP pin
voltage are compared. When the peak-switch current intersects the COMP voltage, the high-side switch turns off.
During overcurrent conditions that pull the output voltage low, the error amplifier responds by driving the COMP
pin high, increasing the switch current. Internal clamping of the error-amplifier output functions as a switch
current-limit.
The TPS65321A-Q1 buck regulator also implements a frequency shift. The switching frequency is divided by 8,
4, 2, and 1 as the voltage ramps from 0 to 0.8 V on the FB1 pin. During short-circuit events (particularly with
high-input-voltage applications), the control loop has a finite minimum controllable on-time, and the output has a
low voltage. During the switch on-time, the inductor current ramps to the peak current-limit because of the high
input voltage and minimum on-time. During the switch off-time, the inductor typically does not have enough off-
time and output voltage for the inductor to ramp down by the ramp-up amount. The frequency shift effectively
increases the off-time which allows the current to ramp down.
7.3.1.13 Selecting the Switching Frequency
The switching frequency that is selected must be the lower value of the two equations, Equation 4 and
Equation 5. Equation 4 is the maximum switching-frequency limitation set by the minimum controllable on-time.
Setting the switching frequency above this value causes the regulator to skip switching pulses. The device
maintains regulation, but pulse-skipping leads to high inductor current and a significant increase in output ripple
voltage.
Use Equation 5 to calculate the maximum switching frequency limit set by the frequency-shift protection. For
adequate output short-circuit protection at high input voltages, set the switching frequency to a value less than
the ƒS(maxshift) frequency. In Equation 5, to calculate the maximum switching frequency one must take into
account that the output voltage decreases from the nominal voltage to 0 volts, and the ƒdiv integer increases from
1 to 8 corresponding to the frequency shift.
where
IL = inductor current
Rdc = inductor resistance
VI = maximum input voltage


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com