Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81243 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 10Page - ON Semiconductor NCP81243_17 Datasheet HTML 11Page - ON Semiconductor NCP81243_17 Datasheet HTML 12Page - ON Semiconductor NCP81243_17 Datasheet HTML 13Page - ON Semiconductor NCP81243_17 Datasheet HTML 14Page - ON Semiconductor NCP81243_17 Datasheet HTML 15Page - ON Semiconductor NCP81243_17 Datasheet HTML 16Page - ON Semiconductor NCP81243_17 Datasheet HTML 17Page - ON Semiconductor NCP81243_17 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
NCP81243
www.onsemi.com
14
Table 5. STATE TRUTH TABLE
STATE
VR_RDY Pin
Error AMP
Comp Pin
OVP & UVP
DRON PIN
Method of Reset
POR
0<VCC<UVLO
N/A
N/A
N/A
Resistive pull down
Disabled
EN < threshold
UVLO >threshold
Low
Low
Disabled
Low
Start up Delay &
Calibration
EN> threshold
UVLO>threshold
Low
Low
Disabled
Low
DRON Fault
EN> threshold
UVLO>threshold
DRON<threshold
Low
Low
Disabled
Resistive pull up
Driver must release
DRON to high
Soft Start
EN > threshold
UVLO >threshold
DRON > High
Low
Operational
Active / No latch
High
Normal Operation
EN > threshold
UVLO >threshold
DRON > High
High
Operational
Active / Latching
High
N/A
Over Voltage
Low
N/A
DAC+OVP
High
Over Current
Low
Operational
Last DAC Code
Low
VOUT = 0 V
Low: if
Reg34h:bit0=0;
High:if
Reg34h:bit0=1;
Clamped at 0.9 V
Disabled
High,
PWM outputs in
low state


Similar Part No. - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
2-Phase, Dual Output Synchronous Boost Controller
logo
ON Semiconductor
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com