Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81243 Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 8Page - ON Semiconductor NCP81243_17 Datasheet HTML 9Page - ON Semiconductor NCP81243_17 Datasheet HTML 10Page - ON Semiconductor NCP81243_17 Datasheet HTML 11Page - ON Semiconductor NCP81243_17 Datasheet HTML 12Page - ON Semiconductor NCP81243_17 Datasheet HTML 13Page - ON Semiconductor NCP81243_17 Datasheet HTML 14Page - ON Semiconductor NCP81243_17 Datasheet HTML 15Page - ON Semiconductor NCP81243_17 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
NCP81243
www.onsemi.com
12
Table 4. NCP81243 (3+2) ELECTRICAL CHARACTERISTICS
Unless otherwise stated: −40
°C < TA < 100°C; 4.75 V < VCC < 5.25 V; CVCC = 0.1 mF
Parameter
Unit
Max
Typ
Min
Test Conditions
OUTPUT OVER VOLTAGE & UNDER VOLTAGE PROTECTION (OVP & UVP)
Over Voltage Threshold Above DAC
VSS rising
375
400
425
mV
Over Voltage Delay
VSS rising to PWMx low
50
ns
Under Voltage Threshold Below
DAC−DROOP
VSS falling
275
300
325
mV
Under−voltage Hysteresis
VSS rising
25
mV
Under−Voltage Delay
5
mS
OVERCURRENT PROTECTION
ILIM Threshold Current
(OCP shutdown after 50 us delay)
Main Rail, Rlim = 20 k
W
8.0
10
12
mA
ILIM Threshold Current
(immediate OCP shutdown)
Main Rail, Rlim = 20 k
13
15
16.5
mA
ILIM Threshold Current
(OCP shutdown after 50
ms delay)
Main Rail, RLIM = 20 K
(N = number of phases in PS0 mode)
10/N
mA
ILIM Threshold Current
(immediate OCP shutdown)
Main Rail, RLIM = 20 K
(N= number of phases in PS0 mode)
15/N
mA
ILIM Threshold Current
(OCP shutdown after 50
ms delay)
Auxiliary Rail, Rlim = 20 k
8.0
10
11
mA
ILIM Threshold Current
(immediate OCP shutdown)
Auxiliary Rail, Rlim = 20 k
13
15
16.5
mA
ILIM Threshold Current
(OCP shutdown after 50
ms delay)
Auxiliary Rail RLIM = 20 K
10/N
mA
ILIM Threshold Current
(immediate OCP shutdown)
Auxiliary Rail, RLIM = 20 K
15/N
mA
MODULATORS (PWM COMPARATORS) FOR MAIN RAIL & AUXILIARY RAIL
Minimum Pulse Width
Fsw = 350 KHz
60
ns
0% Duty Cycle
COMP voltage when the PWM outputs
remain LO
1.3
V
100% Duty Cycle
COMP voltage when the PWM outputs
remain HI VRMP = 12.0 V
2.5
V
PWM Ramp Duty Cycle Matching
COMP = 2 V, PWM Ton matching
1
%
PWM Phase Angle Error
Between adjacent phases
±5
deg
Ramp Feed−forward Voltage range
4.5
20
V
TSENSE/TSENSEA
VRHOT Assert Threshold
440
mV
VRHOT Rising Threshold
460
mV
Alert Rising Threshold
480
mV
Alert Assertion Threshold
460
mV
TSENSE Bias Current
−57.5
−60
−62.5
mA
VRHOT
Output Low Voltage
0.3
V
Output Leakage Current
High Impedance State
−1.0
1.0
mA
ADC
Voltage Range
0
2
V
Total Unadjusted Error (TUE)
−1.25
+1.25
%
Differential Nonlinearity (DNL)
8−bit
1
LSB
Power Supply Sensitivity
±1
%
Conversion Time
30
ms


Similar Part No. - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
2-Phase, Dual Output Synchronous Boost Controller
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
2-Phase, Dual Output Synchronous Boost Controller
logo
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com