Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81243 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP81243_17 Datasheet HTML 4Page - ON Semiconductor NCP81243_17 Datasheet HTML 5Page - ON Semiconductor NCP81243_17 Datasheet HTML 6Page - ON Semiconductor NCP81243_17 Datasheet HTML 7Page - ON Semiconductor NCP81243_17 Datasheet HTML 8Page - ON Semiconductor NCP81243_17 Datasheet HTML 9Page - ON Semiconductor NCP81243_17 Datasheet HTML 10Page - ON Semiconductor NCP81243_17 Datasheet HTML 11Page - ON Semiconductor NCP81243_17 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP81243
www.onsemi.com
8
Table 1. QFN52 PIN LIST DESCRIPTION
Pin No.
Description
Symbol
27
VBOOTA/ADDRA
VBOOT and Address AUX rail Input Pin. A resistor to ground on startup is used to VBOOT and
address of the auxiliary rail
28
VBOOT/ADDR
VBOOT and Address main rail Input Pin. A resistor to ground on startup is used to VBOOT and
address of the main rail
29
ICCMAXA
ICCMAX Input for auxiliary rail Pin. During start up it is used to program configuration of Internal
register with a resistor to ground
30
PWM1A
PWM 1 Auxiliary rail output.
30
PWM1A
PWM 1 Auxiliary rail output. ICCMAX Input for auxiliary rail Pin.
31
PWM2A
PWM 2 Auxiliary rail output.
32
PWM3
PWM 3 Main rail output.
33
PWM2
PWM 2 Main rail output.
34
PWM1
PWM 1 Main output.
35
DRVON
Bidirectional gate driver enable for external drivers for both Main and Auxiliary Rails. It should be
left floating if unused.
36
ICCMAX
ICCMAX Main rail Input Pin. During start up it is used to program configuration of Internal register
with a resistor to ground
37
Tsense
Temp Sense input for main rail
38
CSN1
Non−inverting input to current balance sense amplifier for Main Rail phase 1
39
CSP1
Non−inverting input to current balance sense amplifier for Main Rail phase 1
40
CSN2
Non−inverting input to current balance sense amplifier for Main rail phase 2
41
CSP2
Non−inverting input to current balance sense amplifier for Main Rail phase 2
42
CSN3
Non−inverting input to current balance sense amplifier for Main Rail phase 2
43
CSP3
Non−inverting input to current balance sense amplifier for Main Rail phase 2
44
CSREF
Total output current sense amplifier reference voltage input for Main Rail
45
CSSUM
Inverting input of total current sense amplifier for Main Rail output
46
ILIM
Over current shutdown threshold setting for Main Rail output. Resistor to CSCOMP to set threshold.
47
CSCOMP
Output of total current sense amplifier for Main Rail output
48
COMP
Output of the Main Rail error amplifier and the inverting input of the PWM comparator for Main
Rail output
49
FB
Error amplifier voltage feedback for Main Rail output
50
DIFF
Output of the Main Rail differential remote sense amplifier.
51
VSP
Differential Output Voltage Sense Positive for mail rail
52
VSN
Differential Output Voltage Sense Negative for main rail
53
AGND


Similar Part No. - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
More results

Similar Description - NCP81243_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
   Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com