Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7500CDTF Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA7500CDTF
Description  SMPS Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7500CDTF Datasheet(HTML) 2 Page - ON Semiconductor

  KA7500CDTF Datasheet HTML 1Page - ON Semiconductor KA7500CDTF Datasheet HTML 2Page - ON Semiconductor KA7500CDTF Datasheet HTML 3Page - ON Semiconductor KA7500CDTF Datasheet HTML 4Page - ON Semiconductor KA7500CDTF Datasheet HTML 5Page - ON Semiconductor KA7500CDTF Datasheet HTML 6Page - ON Semiconductor KA7500CDTF Datasheet HTML 7Page - ON Semiconductor KA7500CDTF Datasheet HTML 8Page - ON Semiconductor KA7500CDTF Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
April 2009
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA7500C • Rev. 1.0.2
KA7500C
SMPS Controller
Features
Internal Regulator Provides a Stable 5V Reference
Supply Trimmed to ±1% Accuracy
Uncommitted Output TR for 200mA Sink or Source
Current
Output Control for Push-Pull or Single-Ended
Operation
Variable Duty Cycle by Dead-Time Control (Pin 4)
Complete PWM Control Circuit
On-Chip Oscillator with Master or Slave Operation
Internal Circuit Prohibits Double Pulse at Either
Output
Description
The KA7500C is used for the control circuit of the pulse-
width modulation switching regulator. The KA7500C
consists of 5V reference voltage circuit, two error
amplifiers, flip flop, an output control circuit, a PWM
comparator, a dead-time comparator, and an oscillator.
This device can be operated in the switching frequency
of 1kHz to 300kHz. The precision of voltage reference
(VREF) is improved up to ±1% with trimming. This
provides a better output voltage regulation. The
operating temperature range is -25°C ~ +85°C.
16-Lead DIP
16-Lead SOP
Ordering Information
Part Number
Operating
Temperature Range
Eco
Status
Package
Packing Method
KA7500C
16-Lead Dual Inline Package (DIP)
Tube
KA7500CD
Tube
KA7500CDTF
-25 to +85°C
RoHS
16-Lead Small Outline Package (SOP)
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - KA7500CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7500CDTF FAIRCHILD-KA7500CDTF Datasheet
358Kb / 8P
SMPS Controller
More results

Similar Description - KA7500CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com