Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7500CDTF Datasheet(PDF) 5 Page - ON Semiconductor

Part # KA7500CDTF
Description  SMPS Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7500CDTF Datasheet(HTML) 5 Page - ON Semiconductor

  KA7500CDTF Datasheet HTML 1Page - ON Semiconductor KA7500CDTF Datasheet HTML 2Page - ON Semiconductor KA7500CDTF Datasheet HTML 3Page - ON Semiconductor KA7500CDTF Datasheet HTML 4Page - ON Semiconductor KA7500CDTF Datasheet HTML 5Page - ON Semiconductor KA7500CDTF Datasheet HTML 6Page - ON Semiconductor KA7500CDTF Datasheet HTML 7Page - ON Semiconductor KA7500CDTF Datasheet HTML 8Page - ON Semiconductor KA7500CDTF Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA7500C • Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
42
V
VC
Collector Supply Voltage
42
V
IO
Output Current
250
mA
VIN
Amplifier Input Voltage
VCC + 0.3
V
KA7500C
1
PD
Power Dissipation
KA7500CD
0.9
W
TOPR
Operation Temperature Range
-25
+85
°C
TSTG
Storage Temperature Rang
-65
+150
°C
TJ
Junction Temperature
+125
°C
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
7
15
40
V
VC1, VC2
Collector Supply Voltage
30
40
V
IC1, IC2
Collector Output Current (Each Transition)
200
mA
VIN
Amplifier Input Voltage
0.3
VCC - 2.0
V
IFB
Current Into Feedback Terminal
0.3
mA
IREF
Reference Output Terminal
10
mA
RT
Timing Resistor
1.8
30.0
500.0
K
Ω
CT
Timing Capacitor
0.0047
0.0010
10.0000
µA
fOSC
Oscillator Frequency
1
40
200
kHz
VIN_PWM
PWM Input Voltage (Pins 3, 4, and 13)
0.3
5.3
V


Similar Part No. - KA7500CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7500CDTF FAIRCHILD-KA7500CDTF Datasheet
358Kb / 8P
SMPS Controller
More results

Similar Description - KA7500CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com