Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7500CDTF Datasheet(PDF) 4 Page - ON Semiconductor

Part # KA7500CDTF
Description  SMPS Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7500CDTF Datasheet(HTML) 4 Page - ON Semiconductor

  KA7500CDTF Datasheet HTML 1Page - ON Semiconductor KA7500CDTF Datasheet HTML 2Page - ON Semiconductor KA7500CDTF Datasheet HTML 3Page - ON Semiconductor KA7500CDTF Datasheet HTML 4Page - ON Semiconductor KA7500CDTF Datasheet HTML 5Page - ON Semiconductor KA7500CDTF Datasheet HTML 6Page - ON Semiconductor KA7500CDTF Datasheet HTML 7Page - ON Semiconductor KA7500CDTF Datasheet HTML 8Page - ON Semiconductor KA7500CDTF Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA7500C • Rev. 1.0.2
3
Typical Application
KA7500C
12
VCC
11
C2
8
C1
3
COMP INPUT
- 2
VREF 14
-15
+1
+16
CT
5
RT
6
D.T
4
GND
7
E1
9
E2
10
O.C
13
KSA1010
VI =10V to 40V
1mH, 2A
VO=5V
IO=1A
GND
47Ω
150 Ω
1MΩ
5.1KΩ
5.1KΩ
5.1KΩ
150 Ω
47KΩ
0.001µF
+
50µF
50V
+
0.1
+
50µF
10V
0.1µF
+
500µF
10V
Figure 2. Pulse-Width Modulated Step-Down Converter


Similar Part No. - KA7500CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7500CDTF FAIRCHILD-KA7500CDTF Datasheet
358Kb / 8P
   SMPS Controller
More results

Similar Description - KA7500CDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com