Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7500CD Datasheet(PDF) 6 Page - ON Semiconductor

Part # KA7500CD
Description  SMPS Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7500CD Datasheet(HTML) 6 Page - ON Semiconductor

  KA7500CD Datasheet HTML 1Page - ON Semiconductor KA7500CD Datasheet HTML 2Page - ON Semiconductor KA7500CD Datasheet HTML 3Page - ON Semiconductor KA7500CD Datasheet HTML 4Page - ON Semiconductor KA7500CD Datasheet HTML 5Page - ON Semiconductor KA7500CD Datasheet HTML 6Page - ON Semiconductor KA7500CD Datasheet HTML 7Page - ON Semiconductor KA7500CD Datasheet HTML 8Page - ON Semiconductor KA7500CD Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA7500C • Rev. 1.0.2
5
Electrical Characteristics
VCC = 20V, f = 10kHz, TA = -25°C to +85°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Reference Section
IREF=1mA, TA=25°C
(1)
4.95
5.00
5.05
VREF
Reference Output Voltage
IREF=1mA
4.90
5.00
5.10
V
RLINE
Line Regulation
VCC=7V to 40V
2
25
mV
RLOAD
Load Regulation
IREF=1mA to 10mA
1
15
mV
ISC
Short-Circuit Output Current
VREF=0V
10
35
50
mA
Oscillation Frequency
CT=0.001µF, RT=30KΩ
40.0
CT=0.01µF, RT=12KΩ,
TA=25°C
9.2
10.0
10.8
fOSC
Oscillation Frequency
CT=0.01µF, RT=12KΩ,
TA=TLOW to THIGH
9.0
12.0
kHz
Δf/Δt
Frequency Change with Temperature
CT=0.01µF, RT=12KΩ
2
%
Dead-Time Control Section
IBIAS
Input Bias Current
VCC=15V, 0V≤ V4≤ 5.25V
-2
-10
µA
D(MAX)
Maximum Duty Cycle
VCC=15V, V4=0V, OC
Pin=VREF
45
%
Zero Duty Cycle
3.0
3.3
VITH
Input Threshold Voltage
Maximum Duty Cycle
0
V
Error Amplifier Section
VIO
Input Offset Voltage
V3=2.5V
2
10
mV
IIO
Input Offset Current
V3=2.5V
25
250
mA
IBIAS
Input Bias Current
V3=2.5V
0.2
1.0
µA
VCIM
Common Mode Input Voltage
7V
≤ VCC ≤ 40V
-0.3
VCC
V
GVO
Open-Loop Voltage Gain
0.5V
≤ V3 ≤ 3.5V
70
95
dB
BW
Unit-Gain Bandwidth
650
kHz
PWM Comparator Section
VITH
Input Threshold Voltage
Zero Duty Cycle
4.0
4.5
V
ISINK
Input Sink Current
V3=0.7V
-0.3
-0.7
mA
Output Section
VCE(SAT)
Output Saturation Voltage Common
Emitter
VE=0V, IC=200mA
1.0
1.3
VCC(SAT)
Emitter-Follower
VC=15V, IE=-200mA
1.5
2.5
V
IC(OFF)
Collector Off-State Current
VCC=40V, VCE=40V
2
100
IE(OFF)
Emitter Off-State Current
VCC=VC=40V, VE=40V
-100
µA
Total Device
ICC
Supply Current
Pin6=VREF, VCC=15V
6
10
mA
Output Switching Characteristics
tR
Rise Time, Common Emitter,
Common Collector
100
200
tF
Fall Time, Common Emitter,
Common Collector
25
100
ns
Note:
1.
This is guaranteed where the marking code of the package surface is over 027.


Similar Part No. - KA7500CD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7500CD FAIRCHILD-KA7500CD Datasheet
71Kb / 8P
   SMPS Controller
KA7500CD FAIRCHILD-KA7500CD Datasheet
358Kb / 8P
   SMPS Controller
KA7500CDTF FAIRCHILD-KA7500CDTF Datasheet
358Kb / 8P
   SMPS Controller
More results

Similar Description - KA7500CD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com