Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3843B Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA3843B
Description  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA3843B Datasheet(HTML) 2 Page - ON Semiconductor

  KA3843B Datasheet HTML 1Page - ON Semiconductor KA3843B Datasheet HTML 2Page - ON Semiconductor KA3843B Datasheet HTML 3Page - ON Semiconductor KA3843B Datasheet HTML 4Page - ON Semiconductor KA3843B Datasheet HTML 5Page - ON Semiconductor KA3843B Datasheet HTML 6Page - ON Semiconductor KA3843B Datasheet HTML 7Page - ON Semiconductor KA3843B Datasheet HTML 8Page - ON Semiconductor KA3843B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Low Start up Current
• Maximum Duty Clamp
• UVLO With Hysteresis
• Operating Frequency up to 500KHz
Description
The KA3842B/KA3843B/KA3844B/KA3845B are fixed
frequency current-mode PWM controller. They are
specially designed for Off - Line and DC-to-DC converter
applications with minimum external components.
These
integrated circuits feature a trimmed oscillator for precise
duty cycle control, a temperature compensated reference,
high gain error amplifier, current sensing comparator and a
high current totempole output for driving a power MOSFET.
The KA3842B and KA3844B have UVLO thresholds of
16V (on) and 10V (off). The KA3843B and KA3845B are
8.5V (on) and 7.9V (off). The KA3842B and KA3843B can
operate within
100% duty cycle.
The
KA3844B and
KA3845B can operate with 50% duty cycle.
8-DIP
14-SOP
1
1
Internal Block Diagram
KA3842B/KA3843B/KA3844B/
KA3845B
SMPS Controller


Similar Part No. - KA3843B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3843B FAIRCHILD-KA3843B Datasheet
91Kb / 12P
SMPS Controller
KA3843B FAIRCHILD-KA3843B Datasheet
125Kb / 10P
SMPS Controller
KA3843BD FAIRCHILD-KA3843BD Datasheet
91Kb / 12P
SMPS Controller
KA3843BD FAIRCHILD-KA3843BD Datasheet
125Kb / 10P
SMPS Controller
More results

Similar Description - KA3843B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
SMPS Controller
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com