Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 10Page - Texas Instruments TPA3220 Datasheet HTML 11Page - Texas Instruments TPA3220 Datasheet HTML 12Page - Texas Instruments TPA3220 Datasheet HTML 13Page - Texas Instruments TPA3220 Datasheet HTML 14Page - Texas Instruments TPA3220 Datasheet HTML 15Page - Texas Instruments TPA3220 Datasheet HTML 16Page - Texas Instruments TPA3220 Datasheet HTML 17Page - Texas Instruments TPA3220 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
GND
R1
R2
AVDD
TPA322x
AVDD
GAIN/SLV
TPA322x
IN2_M
IN1
IN2_P
IN1_P
IN1_M
+
-
+
-
IN2
14
TPA3220
SLASEN3 – JANUARY 2018
www.ti.com
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
In systems with single ended audio inputs the device gain will typically need to be set higher than for systems
with balanced audio input signals.
Figure 5. Single Ended Audio Input Configuration
9.3.2 Gain Setting And Master / Slave Operation
The gain of TPA3220 is set by the voltage divider connected to the GAIN/SLV control pin. Master or Slave mode
is also controlled by the same pin. An internal ADC is used to detect the 8 input states. The first four stages sets
the GAIN in Master mode in gains of 18, 24, 30, 34 dB respectively, while the next four stages sets the GAIN in
Slave mode in gains of 18, 24, 30, 34 dB respectively. The gain setting is latched when RESET goes high and
cannot be changed while RESET is high. Table 2 shows the recommended resistor values, the state and gain:
Table 2. Gain and Master / Slave
Master / Slave
Mode
Gain
R1 (to GND)
R2 (to AVDD)
Differential Input Signal Level
(each input pin)
Single Ended Input Signal
Level
Master
18 dB
5.6 kΩ
OPEN
2 VRMS
2 VRMS
Master
24 dB
20 kΩ
100 kΩ
1 VRMS
2 VRMS
Master
30 dB
39 kΩ
100 kΩ
0.5 VRMS
1 VRMS
Master
34 dB
47 kΩ
75 kΩ
0.32 VRMS
0.63 VRMS
Slave
18 dB
51 kΩ
51 kΩ
2 VRMS
2 VRMS
Slave
24 dB
75 kΩ
47 kΩ
1 VRMS
2 VRMS
Slave
30 dB
100 kΩ
39 kΩ
0.5 VRMS
1 VRMS
Slave
34 dB
100 kΩ
16 kΩ
0.32 VRMS
0.63 VRMS
Figure 6. Gain and Master / Slave Setup
For easy multi-channel system design TPA3220 has a Master / Slave feature that allows automatic
synchronization of multiple slave devices operated at the PWM switching frequency of a master device. This
benefits system noise performance by eliminating spurious crosstalk sum and difference tones due to
unsynchronized channel-to-channel switching frequencies. Furthermore the Master / Slave scheme is designed
to interleave switching of the individual channels in a multi-channel system such that the power supply current
ripple frequency is moved to a higher frequency which reduces the RMS ripple current in the power supply bulk
capacitors.


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com