Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 6Page - Texas Instruments TPA3220 Datasheet HTML 7Page - Texas Instruments TPA3220 Datasheet HTML 8Page - Texas Instruments TPA3220 Datasheet HTML 9Page - Texas Instruments TPA3220 Datasheet HTML 10Page - Texas Instruments TPA3220 Datasheet HTML 11Page - Texas Instruments TPA3220 Datasheet HTML 12Page - Texas Instruments TPA3220 Datasheet HTML 13Page - Texas Instruments TPA3220 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
TPA3220
SLASEN3 – JANUARY 2018
www.ti.com
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Parameter Measurement Information
All parameters are measured according to the conditions described in the Recommended Operating Conditions.
Most audio analyzers will not give correct readings of Class-D amplifiers’ performance due to their sensitivity to
out of band noise present at the amplifier output. AES-17 + AUX-0025 pre-analyzer filters are recommended to
use for Class-D amplifier measurements. In absence of such filters, a 30-kHz low-pass filter (10
Ω + 47 nF) can
be used to reduce the out of band noise remaining on the amplifier outputs.
9 Detailed Description
9.1 Overview
TPA3220 is designed as a feature-enhanced cost efficient high power Class-D audio amplifier. It has built-in
advanced protection circuitry to ensure maximum product robustness as well as a flexible feature set including
built in LDO for easy supply of low voltage circuitry, selectable gain, switching frequency, master/slave
synchronization of multiple devices, selectable PWM modulation scheme, mute function, temperature and
clipping status signals. TPA3220 has a bandwidth up to 100 kHz and low output noise designed for high
resolution audio applications and accepts both differential and single ended analog audio inputs at levels from 1
VRMS to 2 VRMS. With its closed loop operation TPA3220 is designed for high audio performance with a system
power supply between 7 V and 30 V.
To facilitate system design, the TPA3220 needs only a (typical) 30 V power stage supply. The TPA3220 has an
internal voltage regulator supplied from the VDD pin for the analog and digital system blocks and the output
stage gate drive respectively. The VDD pin can be connected directly to PVDD in case of only this power supply
rail being available.
To reduce device power losses an external 5 V supply can be used for the AVDD and VDD supply pins. The
internal voltage regulator connected to the VDD pin is automatically turned off if an external 5 V supply is used
for this pin. Although supplied from the same 5 V source, separating AVDD and VDD on the printed-circuit board
(PCB) by RC filters (see application diagram for details) is recommended. These RC filters provide the
recommended high-frequency isolation. Special attention should be paid to placing all decoupling capacitors as
close to their associated pins as possible. In general, the physical loop with the power supply pins, decoupling
capacitors and GND return path to the device pins must be kept as short as possible and with as little area as
possible to minimize induction (see Layout Examples for additional information).
The floating supplies for the output stage high side gate drives are supplied by built-in bootstrap circuitry
requiring only an external capacitor for each half-bridge.
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BST_X) to the power-stage output pin (OUT_X). When the power-stage output is low, the bootstrap capacitor is
charged through an internal diode connected between the gate-drive power-supply pin (GVDD) and the bootstrap
pins. When the power-stage output is high, the bootstrap capacitor potential is shifted above the output potential
and thus provides a suitable voltage supply for the high-side gate driver. It is recommended to use 33 nF ceramic
capacitors, size 0603 or 0805, for the bootstrap supply. These 33 nF capacitors ensure sufficient energy storage,
even during minimal PWM duty cycles, to keep the high-side power stage FET (LDMOS) fully turned on during
the remaining part of the PWM cycle.
Special attention should be paid to the power stage power supply; this includes component selection, PCB
placement, and routing.
For optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD_X
node is decoupled with 1 μF ceramic capacitors placed as close as possible to the PVDD supply pins. It is
recommended to follow the PCB layout of the TPA3220 reference design. For additional information on
recommended power supply and required components, see the application diagrams in this data sheet.
If using external power supply for the AVDD and VDD internal regulators, this supply should be from a low-noise,
low-output-impedance voltage regulator. Likewise, the 30 V power stage supply is assumed to have low output
impedance throughout the entire audio band, and low noise. The power supply sequence is not critical as
facilitated by the internal power-on-reset circuit, but it is recommended to release RESET after the power supply
is settled for minimum turn on audible artefacts. Moreover, the TPA3220 is fully protected against erroneous
power-stage turn on due to parasitic gate charging. Thus, voltage-supply ramp rates (dV/dt) are noncritical within
the specified range (see the Recommended Operating Conditions table of this data sheet).


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com