Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 3Page - Texas Instruments TPA3220 Datasheet HTML 4Page - Texas Instruments TPA3220 Datasheet HTML 5Page - Texas Instruments TPA3220 Datasheet HTML 6Page - Texas Instruments TPA3220 Datasheet HTML 7Page - Texas Instruments TPA3220 Datasheet HTML 8Page - Texas Instruments TPA3220 Datasheet HTML 9Page - Texas Instruments TPA3220 Datasheet HTML 10Page - Texas Instruments TPA3220 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TPA3220
www.ti.com
SLASEN3 – JANUARY 2018
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Nominal, AM1 and AM2 use same internal oscillator with fixed ratio 4 : 4.5 : 5
7.5 Electrical Characteristics
PVDD_X = 30 V, VDD = 5 V, GVDD = 5 V, TC (Case temperature) = 75 °C, fS = 600 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
AVDD
Voltage regulator. Only used as reference
node when supplied by internal LDO. Voltage
regulator bypassed for VDD = 5 V.
VDD = 30 V
5
V
IVDD
VDD supply current. LDO mode (VDD > 7 V)
Operating, no audio signal
25
mA
Reset mode
118
µA
VDD supply current. LDO bypass mode
(VDD = 5 V)
Operating, no audio signal
150
Reset mode
50
IAVDD
Gate-supply current. LDO bypass mode
(VDD = 5 V)
Operating, no audio signal
10
mA
Reset mode
1
IGVDD
Gate-supply current. LDO bypass mode
(VDD = 5 V), AD-mode modulation
50% duty cycle
16
Reset mode
50
µA
Gate-supply current. LDO bypass mode
(VDD = 5 V), HEAD-mode modulation
HEAD-mode modulation
16
mA
Reset mode
50
µA
IPVDD
Total PVDD idle current, AD-mode
modulation, BTL
50% duty cycle with recommended output filter
15
mA
50% duty cycle with recommended output filter, TC
= 25 ºC
13
Reset mode, No switching
1
Total PVDD idle current, HEAD-mode
modulation, BTL
HEAD-mode modulation with recommended output
filter
10
HEAD-mode with recommended output filter, TC =
25 ºC
9
Reset mode, No switching
1
ANALOG INPUTS
VIN
Maximum input voltage swing
±2.8
V
IIN
Maximum input current
-1
1
mA
G
Inverting voltage Gain, VOUT/VIN(Master
Mode)
R1 = 5.6 kΩ, R2 = OPEN
18
dB
R1 = 20 kΩ, R2 = 100 kΩ
24
R1 = 39 kΩ, R2 = 100 kΩ
30
R1 = 47 kΩ, R2 = 75 kΩ
34
Inverting voltage Gain, VOUT/VIN(Slave Mode)
R1 = 51 kΩ, R2 = 51 kΩ
18
R1 = 75 kΩ, R2 = 47 kΩ
24
R1 = 100 kΩ, R2 = 39 kΩ
30
R1 = 100 kΩ, R2 = 16 kΩ
34
RIN
Input resistance
G = 18 dB
48
k
G = 24 dB
24
G = 30 dB
12
G = 34 dB
7.7
OSCILLATOR
fOSC(IO)
(1)
Nominal, Master Mode
FPWM × 6
3.45
3.6
3.75
MHz
AM1, Master Mode
3.06
3.198
3.33
AM2, Master Mode
2.76
2.88
3
VIH
High level input voltage
1.88
V
VIL
Low level input voltage
1.65
V
EXTERNAL OSCILLATOR (Slave Mode)
fOSC(IO)
CLK input on OSCM/OSCP (Slave Mode)
2.3
3.78
MHz
OUTPUT-STAGE MOSFETs
RDS(on)
Drain-to-source resistance, low side (LS)
TJ = 25 °C, Excludes metallization resistance,
GVDD = 5 V
70
m
Drain-to-source resistance, high side (HS)
70
m


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3220 TI2-TPA3220 Datasheet
1Mb / 49P
TPA3220 60-W Stereo, 110-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
REVISED AUGUST 2018
TPA3220DDW TI2-TPA3220DDW Datasheet
1Mb / 49P
TPA3220 60-W Stereo, 110-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
REVISED AUGUST 2018
TPA3220DDW.A TI2-TPA3220DDW.A Datasheet
1Mb / 49P
TPA3220 60-W Stereo, 110-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
REVISED AUGUST 2018
TPA3220DDWR TI2-TPA3220DDWR Datasheet
1Mb / 49P
TPA3220 60-W Stereo, 110-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
REVISED AUGUST 2018
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com