Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 4 Page - Texas Instruments

  TPA3220 Datasheet HTML 1Page - Texas Instruments TPA3220 Datasheet HTML 2Page - Texas Instruments TPA3220 Datasheet HTML 3Page - Texas Instruments TPA3220 Datasheet HTML 4Page - Texas Instruments TPA3220 Datasheet HTML 5Page - Texas Instruments TPA3220 Datasheet HTML 6Page - Texas Instruments TPA3220 Datasheet HTML 7Page - Texas Instruments TPA3220 Datasheet HTML 8Page - Texas Instruments TPA3220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
TPA3220
SLASEN3 – JANUARY 2018
www.ti.com
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
I=Input, O=Output, I/O= Input/Output, P=Power
Pin Functions
NAME
NO.
I/O
(1)
DESCRIPTION
HEAD
11
I
0 = AD, 1 = HEAD. Refer to: AD-Mode and HEAD-Mode PWM Modulation
AVDD
21
P
AVDD voltage supply. Refer to: Internal LDO, AVDD and GVDD Supplies
BST1_M
43
P
OUT1_M HS bootstrap supply (BST), 0.033 μF capacitor to OUT1_M required.
Refer to: BST capacitors
BST1_P
44
P
OUT1_P HS bootstrap supply (BST), 0.033 μF capacitor to OUT1_P required.
Refer to: BST capacitors
BST2_M
23
P
OUT2_M HS bootstrap supply (BST), 0.033 μF capacitor to OUT2_M required.
Refer to: BST capacitors
BST2_P
24
P
OUT2_P HS bootstrap supply (BST), 0.033 μF capacitor to OUT2_P required.
Refer to:BST capacitors
CMUTE
17
P
Mute and Startup Timing Capacitor
Refer to: Device Reset
FAULT
4
O
Shutdown signal, open drain; active low
Refer to: Error Reporting, Error Reporting
FREQ_ADJ
14
O
Oscillator frequency programming pin
Refer to: Oscillator
GAIN/SLV
2
I
Closed loop gain and master/slave programming pin.
Input Configuration, Gain Setting And Master / Slave OperationRefer to:
GND
5, 6, 7, 18, 19,
20, 25, 26, 33,
34, 41, 42
P
Ground
GVDD
22
P
Gate drive supply. Refer to: Internal LDO, AVDD and GVDD Supplies
IN1_M
9
I
Negative audio input for channel 1
IN1_P
8
I
Positive audio input for channel 1
IN2_M
16
I
Negative audio input for channel 2
IN2_P
15
I
Positive audio input for channel 2
OSCM
12
I/O
Oscillator synchronization interface.
Refer to: Input Configuration, Gain Setting And Master / Slave Operation
OSCP
13
I/O
Oscillator synchronization interface
Refer to: Input Configuration, Gain Setting And Master / Slave Operation
OUT1_M
3
O
Negative output for channel 1
OTW_CLIP
35
O
Clipping warning and Over-temperature warning; open drain; active low.
Refer to: Error Reporting
OUT1_P
39, 40
O
Positive output for channel 1
OUT2_M
27, 28
O
Negative output for channel 2
OUT2_P
32
O
Positive output for channel 2
PVDD
29, 30, 31, 36,
37, 38
P
PVDD supply. Refer to: PVDD Capacitor Recommendation, PVDD Supply
RESET
10
I
Device reset Input; active low. Refer to: Fault Handling, Powering Up, Powering Down
VDD
1
P
Input power supply. Refer to: Internal LDO, VDD Supply
PowerPad™
P
Ground, connect to PCB copper pour. Placed on bottom side of device
(1)
X refers to inputs connected through AC coupling capacitor, 0 refers to logic low (GND), 1 refers to logic high (AVDD).
(2)
2N refers to differential input signal, 1N refers to single ended input signal. +1 refers to number of logic control (RESET) input pins.
Table 1. Mode Selection Pins
MODE PINS(1)
INPUT MODE(2)
OUTPUT
CONFIGURATION
DESCRIPTION
IN2_M
IN2_P
HEAD
X
X
0
1N/2N + 1
2 × BTL
Stereo, BTL output configuration, AD mode modulation
X
X
1
1N/2N + 1
2 × BTL
Stereo, BTL output configuration, HEAD mode modulation
0
0
0
1N/2N + 1
1 x PBTL
Mono, Parallelled BTL configuration. Connect OUT1_P to OUT2_P
and OUT1_M to OUT2_M, AD mode modulation
0
0
1
1N/2N + 1
1 x PBTL
Mono, Parallelled BTL configuration. Connect OUT1_P to OUT2_P
and OUT1_M to OUT2_M, HEAD mode modulation
1
1
0
1N/2N + 1
1 x BTL
Mono, BTL configuration. OUT1_M and OUT1_P active, AD mode
modulation
1
1
1
1N/2N + 1
1 x BTL
Mono, BTL configuration. OUT1_M and OUT1_P active, HEAD mode
modulation


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com