Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 25Page - Texas Instruments TPA3220 Datasheet HTML 26Page - Texas Instruments TPA3220 Datasheet HTML 27Page - Texas Instruments TPA3220 Datasheet HTML 28Page - Texas Instruments TPA3220 Datasheet HTML 29Page - Texas Instruments TPA3220 Datasheet HTML 30Page - Texas Instruments TPA3220 Datasheet HTML 31Page - Texas Instruments TPA3220 Datasheet HTML 32Page - Texas Instruments TPA3220 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
29
TPA3220
www.ti.com
SLASEN3 – JANUARY 2018
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Power Supply Recommendations
11.1 Power Supplies
The TPA3220 device requires a single external power supply for proper operation. A high-voltage supply, PVDD,
is required to power the output stage of the speaker amplifier and its associated circuitry. PVDD can be used to
supply an internal LDO to supply 5 V to AVDD and GVDD (connect VDD to PVDD).
Additionally, in LDO bypass mode an external power supply should be connected to VDD, AVDD and GVDD to
power the gate-drive and other internal digital and analog circuit blocks in the device.
The allowable voltage range for both the PVDD and VDD/AVDD/GVDD supplies are listed in the Recommended
Operating Conditions table. Ensure both the PVDD and the VDD/AVDD/GVDD supplies can deliver more current
than listed in the Electrical Characteristics table.
11.1.1 VDD Supply
VDD can be connected to PVDD in systems using only a single power supply. VDD is connected to an internal
LDO that is then used to supply AVDD and GVDD for digital and analog circuits as well as to supply the gate
drive.
To reduce device power consumption, the internal LDO can be bypassed by connecting VDD, AVDD and GVDD
to an external 5 V power supply.
Proper connection, routing, and decoupling techniques are highlighted in the TPA3220 device EVM User's Guide
(as well as the Application Information section and Layout Examples section) and must be followed as closely as
possible for proper operation and performance. Deviation from the guidance offered in the TPA3220 device EVM
User's Guide, which followed the same techniques as those shown in the Application Information section, may
result in reduced performance, errant functionality, or even damage to the TPA3220 device. To simplify the
power supply requirements for the system, the TPA3220 device includes a integrated low-dropout (LDO) linear
regulator to create a 5V rail for AVDD and GVDD supplies. The linear regulator is internally connected to the
VDD supply and its output is present on the AVDD pin, providing a connection point for an external bypass
capacitors. It is important to note that the linear regulator integrated in the device has only been designed to
support the current requirements of the internal circuitry, and should not be used to power any additional external
circuitry. Additional loading on these pins could cause the voltage to sag and increase noise injection, which
negatively affects the performance and operation of the device.
11.1.2 AVDD and GVDD Supplies
AVDD and GVDD can be supplied either through the internal LDO or from external 5 V power supply to power
internal analog and digital circuits and the gate-drives for the output H-bridges. Proper connection, routing, and
decoupling techniques are highlighted in the TPA3220 device EVM User's Guide (as well as the Application
Information section and Layout Examples section) and must be followed as closely as possible for proper
operation and performance. Deviation from the guidance offered in the TPA3220 device EVM User's Guide,
which followed the same techniques as those shown in the Application Information section, may result in reduced
performance, errant functionality, or even damage to the TPA3220 device.
11.1.3 PVDD Supply
The output stage of the speaker amplifier drives the load using the PVDD supply. This is the power supply which
provides the drive current to the load during playback. Proper connection, routing, and decoupling techniques are
highlighted in the TPA3220 device EVM User's Guide (as well as the Application Information section and Layout
Examples section) and must be followed as closely as possible for proper operation and performance. Due the
high-voltage switching of the output stage, it is particularly important to properly decouple the output power
stages in the manner described in the TPA3220 device EVM User's Guide. The lack of proper decoupling, like
that shown in the EVM User's Guide, can results in voltage spikes which can damage the device, or cause poor
audio performance and device shutdown faults.


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com