Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 23Page - Texas Instruments TPA3220 Datasheet HTML 24Page - Texas Instruments TPA3220 Datasheet HTML 25Page - Texas Instruments TPA3220 Datasheet HTML 26Page - Texas Instruments TPA3220 Datasheet HTML 27Page - Texas Instruments TPA3220 Datasheet HTML 28Page - Texas Instruments TPA3220 Datasheet HTML 29Page - Texas Instruments TPA3220 Datasheet HTML 30Page - Texas Instruments TPA3220 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
PVDD
GND
TPA322x
PVDD
GND
BST1_P
PVDD
GND
OUT1_M
BST1_M
GND
OUT2_P
PVDD
OUT1_P
PVDD
GND
BST2_P
BST2_M
OUT2_M
GND
GND
OUT2_M
OUT1_P
PVDD
PVDD
44
43
42
41
31
27
28
29
30
32
33
34
35
36
40
39
38
37
25
26
23
24
1µF
1µF
1µF
1µF
470uF
470uF
10µH
33nF
33nF
10µH
33nF
33nF
470nF
470nF
1nF
10nF
3R3
10nF
1nF
3R3
470nF
470nF
Copyright © 2017, Texas Instruments Incorporated
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
19
20
21
22
GND
GAIN/SLV
FAULT
OTW_CLIP
AVDD
GND
CMUTE
IN2_M
OSCP
OSCM
GND
GND
IN2_P
GND
VDD
GVDD
GND
HEAD
FREQ_ADJ
IN1_P
IN1_M
RESET
100nF
470uF
5.6k
/FAULT
/OTW_CLIP
+5V
IN1_P
IN1_M
/RESET
50k
10µF
10µF
1µF
1µF
CMUTE
3R3
+5V
33nF
CMUTE
1k
27
TPA3220
www.ti.com
SLASEN3 – JANUARY 2018
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.2.2 Typical Application, Differential (2N), AD-Mode PBTL (Outputs Paralleled before LC filter)
TPA3220 can be configured in mono PBTL mode by paralleling the outputs before the LC filter or after the LC
filter (see Typical Application, Differential (2N), AD-Mode PBTL (Outputs Paralleled after LC filter)). Paralleled
outputs before the LC filter is recommended for better performance and limiting the number of output LC filter
inductors.
Figure 25. Typical Differential (2N) AD-Mode PBTL Application
10.2.2.1 Design Requirements
Refer to Stereo BTL Application for the Design Requirements.
Table 8. Design Requirements, PBTL Application
DESIGN PARAMETER
EXAMPLE
Low Power Supply
5 V
High Power Supply
7 - 30 V
Analog Inputs
IN1_M = ±2.8 V (peak, max)
IN1_P = ±2.8 V (peak, max)
IN2_M = Grounded
IN2_P = Grounded
Output Filters
Inductor-Capacitor Low Pass Filter (10 µH + 1 µF)
Speaker Impedance
2 - 4 Ω


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com