Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 20Page - Texas Instruments TPA3220 Datasheet HTML 21Page - Texas Instruments TPA3220 Datasheet HTML 22Page - Texas Instruments TPA3220 Datasheet HTML 23Page - Texas Instruments TPA3220 Datasheet HTML 24Page - Texas Instruments TPA3220 Datasheet HTML 25Page - Texas Instruments TPA3220 Datasheet HTML 26Page - Texas Instruments TPA3220 Datasheet HTML 27Page - Texas Instruments TPA3220 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
TPA3220
SLASEN3 – JANUARY 2018
www.ti.com
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stuck at Fault occurs when input OSC_IO input signal frequency drops below minimum frequency given in the Electrical Characteristics
table of this data sheet.
9.4.5.7 Fault Handling
If a fault situation occurs while in operation, the device acts accordingly to the fault being a global or a channel
fault. A global fault is a chip-wide fault situation and causes all PWM activity of the device to be shut down, and
will assert FAULT low. A global fault is a latching fault and clearing FAULT and restarting operation requires
resetting the device by toggling RESET. De-asserting RESET should never be allowed with excessive system
temperature, so it is advised to monitor RESET with a system microcontroller and only release RESET (RESET
high) if the OTW_CLIP signal is cleared (high). A channel fault results in shutdown of the PWM activity of the
affected channel(s). Note that asserting RESET low forces the FAULT signal high, independent of faults being
present.
Table 6. Error Reporting
Fault/Event
Fault/Event
Description
Global or Channel
Reporting Method
Latched/Self
Clearing
Action needed to
Clear
Output FETs
PVDD_X UVP
Voltage Fault
Global
FAULT pin
Self Clearing
Increase affected
supply voltage
HI-Z
PVDD_X OVP
AVDD UVP
POR (AVDD UVP)
Power On Reset
Global
FAULT pin
Self Clearing
Allow AVDD to rise
HI-Z
OTW
Thermal Warning
Global
OTW pin
Self Clearing
Cool below OTW
threshold
Normal operation
OTE
Thermal Shutdown
Global
FAULT pin
Latched
Toggle RESET
HI-Z
OLP (CB3C>1.7 ms)
OC Shutdown
Channel
FAULT pin
Latched
Toggle RESET
HI-Z
CB3C
OC Limiting
Channel
None
Self Clearing
Reduce signal level
or remove short
Flip state, cycle by
cycle at fs/3
Stuck at Fault(1)
No OSC_IO activity
in Slave Mode
Global
None
Self Clearing
Resume OSC_IO
activity
HI-Z


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com