Electronic Components Datasheet Search |
|
TPA3220 Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
TPA3220 Datasheet(HTML) 22 Page - Texas Instruments |
22 / 39 page HS PWM PWM_X LS PWM OC EVENT RESETS CB3C LATCH OUTPUT CURRENT OC THRESHOLD OCH HS GATE-DRIVE LS GATE-DRIVE RISING EDGE PWM SETS CB3C LATCH 22 TPA3220 SLASEN3 – JANUARY 2018 www.ti.com Product Folder Links: TPA3220 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated Figure 22. CB3C Timing Example 9.4.5.2 Signal Clipping and Pulse Injector A built in activity detector monitors the PWM activity of the OUT_X pins. TPA3220 is designed to drive unclipped output signals all the way to PVDD and GND rails. In case of audio signal clipping when applying excessive input signal voltage, or in case of CB3C current protection being active, the amplifier feedback loop of the audio channel will respond to this condition with a saturated state, and the output PWM signals will stop unless special circuitry is implemented to handle this situation. To prevent the output PWM signals from stopping in a clipping or CB3C situation, narrow pulses are injected to the gate drive to maintain output activity. The injected narrow pulses are injected at every 4th PWM frame, and thus the effective switching frequency during this state is reduced to 1/4 of the normal switching frequency. Signal clipping is signalled on the OTW_CLIP pin and is self clearing when signal level reduces and the device reverts to normal operation. The OTW_CLIP pulses starts at the onset to output clipping, typically at a THD level around 0.01%, resulting in narrow OTW_CLIP pulses starting with a pulse width of ~500ns. Figure 23. Signal Clipping PWM and Speaker Output Signals |
Similar Part No. - TPA3220 |
|
Similar Description - TPA3220 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |