Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 17Page - Texas Instruments TPA3220 Datasheet HTML 18Page - Texas Instruments TPA3220 Datasheet HTML 19Page - Texas Instruments TPA3220 Datasheet HTML 20Page - Texas Instruments TPA3220 Datasheet HTML 21Page - Texas Instruments TPA3220 Datasheet HTML 22Page - Texas Instruments TPA3220 Datasheet HTML 23Page - Texas Instruments TPA3220 Datasheet HTML 24Page - Texas Instruments TPA3220 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
TPA3220
www.ti.com
SLASEN3 – JANUARY 2018
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.4.3 Device Reset
Asserting RESET low initiates the device ramp down. The output FETs go into a Hi-Z state after the ramp down
is complete. Output pull downs are active in both BTL mode and PBTL mode with RESET low.
In BTL modes, to accommodate bootstrap charging prior to switching start, asserting the RESET input low
enables weak pull-down of the half-bridge outputs.
Asserting RESET low removes any fault information to be signaled on the FAULT output, that is, FAULT is
forced high. A rising-edge transition on RESET allows the device to resume operation after a fault. To ensure
thermal reliability, the rising edge of RESET must occur no sooner than 4 ms after the falling edge of FAULT.
The TPA3220 will enter a low power state once the ramp down sequence is complete.
9.4.4 Device Soft Mute
Asserting CMUTE low initiates the device soft mute function. The soft mute function initiates a ramp down
sequence of the outputs, and the output FETs go into a Hi-Z state after the ramp down is complete. All internal
circuits are powered while in soft mute state. External control of the soft mute function must provide high
impedance output when not engaged (open drain output) to allow the CMUTE node to charge/discharge during
device ramp up and ramp down when de-asserting and asserting RESET.
9.4.5 Device Protection System
The TPA3220 contains advanced protection circuitry carefully designed to facilitate system integration and ease
of use, as well as to safeguard the device from permanent failure due to a wide range of fault conditions such as
short circuits, overload, overtemperature, overvoltage and undervoltage. The TPA3220 responds to a fault by
immediately setting the power stage in a high-impedance (Hi-Z) state and asserting the FAULT pin low. In
situations other than overload and overtemperature error (OTE), the device automatically recovers when the fault
condition has been removed, that is, the supply voltage has increased. The device will handle errors, as shown
in Table 5.
Table 5. Device Protection
BTL MODE
PBTL MODE
LOCAL ERROR IN
TURNS OFF
LOCAL ERROR IN
TURNS OFF
A
A+B
A
A+B+C+D
B
B
C
C+D
C
D
D
Bootstrap UVP does not shutdown according to the table, it shuts down the respective halfbridge (non-latching,
does not assert FAULT).
9.4.5.1 Overload and Short Circuit Current Protection
TPA3220 has fast reacting current sensors on all high-side and low-side FETs. To prevent output current from
increasing beyond the overcurrent threshold, TPA3220 uses current limiting of the output current for each
switching cycle (Cycle By Cycle Current Control, CB3C) in case of excess output current. CB3C prevents
premature shutdown due to high output current transients caused by high level music transients and a drop of
real speaker’s load impedance, and allows the output current to be limited to a maximum programmed level. If
the maximum output current persists, i.e. the power stage being overloaded with too low load impedance, the
device will shut down the affected output channel and the affected output is put in a high-impedance (Hi- Z) state
until a RESET cycle is initiated. CB3C works individually for each full-bridge output. If an over current event is
triggered, CB3C performs a state flip of the full-bridged output that is cleared upon beginning of next PWM
frame.


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com