Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 15Page - Texas Instruments TPA3220 Datasheet HTML 16Page - Texas Instruments TPA3220 Datasheet HTML 17Page - Texas Instruments TPA3220 Datasheet HTML 18Page - Texas Instruments TPA3220 Datasheet HTML 19Page - Texas Instruments TPA3220 Datasheet HTML 20Page - Texas Instruments TPA3220 Datasheet HTML 21Page - Texas Instruments TPA3220 Datasheet HTML 22Page - Texas Instruments TPA3220 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TPA322x
OUT2_P
OUT2_M
OUT1_M
OUT1_P
IN2_M
IN2_P
IN1_P
IN1_M
IN1_P
IN1_M
TPA322x
OUT2_P
OUT2_M
OUT1_M
OUT1_P
IN2_M
IN2_P
IN1_P
IN1_M
IN1_P
IN1_M
TPA322x
OUT2_P
OUT2_M
OUT1_M
OUT1_P
IN2_M
IN1_P
IN2_P
IN1_P
IN1_M
IN1_M
IN2_P
IN2_M
TPA322x
OUT2_P
OUT2_M
OUT1_M
OUT1_P
IN2_M
IN2_P
IN1_P
IN1_M
IN1_P
IN1_M
AVDD
19
TPA3220
www.ti.com
SLASEN3 – JANUARY 2018
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Note that asserting RESET low forces the FAULT signal high, independent of faults being present. TI
recommends monitoring the OTW_CLIP signal using the system microcontroller and responding to an
overtemperature warning signal by turning down the volume to prevent further heating of the device resulting in
device shutdown (OTE).
To reduce external component count, an internal pullup resistor to 3.3 V is provided on both FAULT and
OTW_CLIP outputs.
9.4 Device Functional Modes
TPA3220 can be configured in either a stereo BTL (Bridge Tied Load) mode, mono BTL mode (only one output
BTL channel active), or in a mono PBTL (Parallel Bridge Tied Load) mode. In PBTL mode the two output BTL
channels are parallelled with double output current available. The parallelling of the two BTL outputs can be
made either before the output LC filter, or after the output LC filter. For PBTL mode the audio performance will in
general be higher when parallelling before the output LC filter, but parallelling after the LC output filter may be
preferred in some systems.
See Table 1 for mode configuration setup.
Figure 17. Stereo BTL
Figure 18. Mono BTL
Figure 19. Mono PBTL, Pre LC Filter
Figure 20. Mono PBTL, Post LC Filter
9.4.1 Powering Up
The TPA3220 does not require a power-up sequence because of the integrated undervoltage protection (UVP),
but it is recommended to hold RESET low until PVDD supply voltage is stable to avoid audio artifacts. The
outputs of the H-bridges remain in a high-impedance state until the gate-drive supply (GVDD) and AVDD
voltages are above their UVP voltage thresholds (see the Electrical Characteristics table of this data sheet). This
allows an internal circuit to charge the external bootstrap capacitors by enabling a weak pull-down of the half-
bridge output as well as initiating a controlled ramp up sequence of the output voltage.


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com