Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 14Page - Texas Instruments TPA3220 Datasheet HTML 15Page - Texas Instruments TPA3220 Datasheet HTML 16Page - Texas Instruments TPA3220 Datasheet HTML 17Page - Texas Instruments TPA3220 Datasheet HTML 18Page - Texas Instruments TPA3220 Datasheet HTML 19Page - Texas Instruments TPA3220 Datasheet HTML 20Page - Texas Instruments TPA3220 Datasheet HTML 21Page - Texas Instruments TPA3220 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18
TPA3220
SLASEN3 – JANUARY 2018
www.ti.com
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.3.4 Oscillator
The oscillator frequency can be trimmed by external control of the FREQ_ADJ pin.
To reduce interference problems while using radio receiver tuned within the AM band, the switching frequency
can be changed from nominal to higher values. These values should be chosen such that the nominal and the
higher value switching frequencies together results in the fewest cases of interference throughout the AM band.
The oscillator frequency can be selected by the value of the FREQ_ADJ resistor connected to GND in master
mode according to the description in the Recommended Operating Conditions table.
For slave mode operation, turn off the oscillator by pulling the FREQ_ADJ pin to AVDD. This configures the
OSC_I/O pins as inputs to be slaved from an external differential clock. In a master/slave system inter channel
delay is automatically setup between the switching of the audio channels, which can be illustrated by no idle
channels switching at the same time. This will not influence the audio output, but only the switch timing to
minimize noise coupling between audio channels through the power supply to optimize audio performance and to
get better operating conditions for the power supply. The inter channel delay will be setup for a slave device
depending on the polarity of the OSC_I/O connection such that a slave mode 1 is selected by connecting the
master device OSC_I/O to the slave 1 device OSC_I/O with same polarity (+ to + and - to -), and slave mode 2 is
selected with the inverse polarity (+ to - and - to +).
9.3.5 Input Impedance
The TPA3220 input stage is a fully differential input stage and the input impedance changes with the gain setting
from 7.7 kΩ at 34 dB gain to 47 kΩ at 18 dB gain. Table 1 lists the values from min to max gain. The tolerance of
the input resistor value is ±20 % so the minimum value will be higher than 6.2 kΩ. The inputs need to be AC-
coupled to minimize the output DC-offset and ensure correct ramping of the output voltages during power-ON
and power-OFF. The input ac-coupling capacitor together with the input impedance forms a high-pass filter with
the following cut-off frequency:
If a flat bass response is required down to 20 Hz the recommended cut-off frequency is a tenth of that, 2 Hz.
Table 3 lists the recommended ac-couplings capacitors for each gain step. If a -3 dB is accepted at 20 Hz 10
times lower capacitors can used – for example, a 1 μF can be used.
Table 3. Recommended Input AC-Coupling Capacitors
Gain
Input Impedance
Input AC-Coupling
Capacitance
Input High Pass Filter
18 dB
48 kΩ
4.7 µF
0.7 Hz
24 dB
24 kΩ
10 µF
0.7 Hz
30 dB
12 kΩ
10 µF
1.3 Hz
34 dB
7.7 kΩ
10 µF
2.1 Hz
The input capacitors used should be a type with low leakage, like quality electrolytic, tantalum, film or ceramic. If
a polarized type is used the positive connection should face such that the capacitor has a positive DC bias.
9.3.6 Error Reporting
The FAULT, and OTW_CLIP, pins are active-low, open-drain outputs. The FAULT function is for protection-mode
signaling to a system-control device. Any fault resulting in device shutdown is signaled by the FAULT pin going
low. Also, OTW_CLIP goes low when the device junction temperature exceeds 125°C (see Table 4).
Table 4. Error Reporting
FAULT
OTW_CLIP
DESCRIPTION
0
0
Overtemperature (OTE), overload (OLP), undervoltage (UVP), or overvoltage (OVP).
Junction temperature higher than 125°C (overtemperature warning)
0
1
Overload (OLP), undervoltage (UVP), or overvoltage (OVP). Junction temperature
lower than 125°C
1
0
Junction temperature higher than 125°C (overtemperature warning)
1
1
Junction temperature lower than 125°C and no OLP or UVP faults (normal operation)


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com