Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3220 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3220
Description  60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3220 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA3220 Datasheet HTML 11Page - Texas Instruments TPA3220 Datasheet HTML 12Page - Texas Instruments TPA3220 Datasheet HTML 13Page - Texas Instruments TPA3220 Datasheet HTML 14Page - Texas Instruments TPA3220 Datasheet HTML 15Page - Texas Instruments TPA3220 Datasheet HTML 16Page - Texas Instruments TPA3220 Datasheet HTML 17Page - Texas Instruments TPA3220 Datasheet HTML 18Page - Texas Instruments TPA3220 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
OUTP
OUTN
OUTP Current
OUTN Current
0V
0V
0A
0A
TPA322x
AVDD
HEAD
TPA322x
AVDD
HEAD
TPA322x
SLAVE2
OSCM
OSCP
TPA322x
SLAVE1
OSCM
OSCP
TPA322x
MASTER
OSCM
OSCP
TPA322x
SLAVE2
OSCM
OSCP
TPA322x
SLAVE1
OSCM
OSCP
TPA322x
SLAVE1
OSCM
OSCP
TPA322x
SLAVE2
OSCM
OSCP
RESET
RESET
RESET
RESET
RESET
RESET
RESET
47k
47k
AVDD
15
TPA3220
www.ti.com
SLASEN3 – JANUARY 2018
Product Folder Links: TPA3220
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
The Master / Slave scheme and the interleaving of the output stage switching is automatically configured by
connecting the OSCx pins between a master and multiple slave devices. Connect the OSCx pins in either
positive or negative polarity to configure either a Slave1 or Slave2 device. Connect the OSCM of the Master
device to the OSCM of a slave device to configure for Slave1 or OSCP to configure for Slave2. Then connect the
remaining OSCx pins between the master and slave devices. The Master, Slave1 and Slave2 PWM switching will
be 30 degrees out of phase with each other. All switching channels are automatically synchronized by releasing
RESET on all devices at the same time.
Figure 7. Gain and Master PCB Implementation
Placement on the PCB and connection of multiple TPA3220 devices in a multi channel system is illustrated in
Figure 7. Slave devices should be placed on either side of the master device, with a Slave1 device on one side
of the Master device, and a Slave2 device on the other. In systems with more than 3 TPA3220 devices, the
master should be in the middle, and every second slave devices should be a Slave1 or Slave 2 as illustrated in
Figure 7. A 47kΩ pull up resistor to AVDD should be connected to the master device OSCM output and a 47kΩ
pull down resistor to GND should be connected to the master OSCP CLK outputs.
9.3.3 AD-Mode and HEAD-Mode PWM Modulation
TPA3220 has the option of using either AD-Mode or HEAD-Mode PWM modulation scheme. AD mode has
continuous switching of the two half bridge outputs in each BTL output channel. Both half bridge outputs are
switching in HEAD mode, but with reduced duty cycle for idle operation and while playing small signals. With
higher output levels one half bridge stops switching on HEAD mode operation. HEAD benefits both device power
loss and EMI performance, where AD mode is considered to have the highest audio performance.
SPACE
Figure 8. AD-Mode Configuration
Figure 9. HEAD-Mode Configuration
Figure 10. AD Mode Output Waveforms, Idle


Similar Part No. - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3220 TI-TPA3220 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com