Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPR2100 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPR2100
Description  Six-Element SMD Photodiode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPR2100 Datasheet(HTML) 2 Page - TT Electronics.

  OPR2100 Datasheet HTML 1Page - TT Electronics. OPR2100 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© TT electronics plc
Issue E
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Six-Element SMD Photodiode
Array
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
R
Responsivity
0.45
-
-
A/W
Ee = 10 µW, λ = 890 nm, V = 0 V
VBR
Reverse Breakdown Voltage
50
-
-
V
IR= 10 µA
ID
Reverse Dark Current
-
-
10
nA
VR= 10 V, Ee = 0
BW
Bandwidth
-
-
200
kHz
TA ≤ 125ºC
CT
Capacitance
-
10
-
pF
VR = 10 V
Lx W
Active Area (per diode)
-
3.45
-
mm2
2.73 mm x 1.34 mm
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage and Operating Temperature
-55° C to +125° C
Reverse Breakdown Voltage
50 V / minute
Solder reflow time within 5°C of peak temperature is 20 to 40 seconds(1)
250° C
Notes:
1. Solder time less than 5 seconds at temperature extreme.
2. Package thermal resistance is 142° C / W
Spectral Responsivity
0
10
20
30
40
50
60
70
80
90
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Wavelength (µm)
OPR2100
Warning: Front
Window is pressure
sensitive. Do not
apply pressure or
high vacuum to win-
dow.
Anode
Cathode


Similar Part No. - OPR2100

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
Six Element SMD Photodiode Array
OPR2100L OPTEK-OPR2100L Datasheet
278Kb / 1P
Six Element SMD LED Array
More results

Similar Description - OPR2100

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
Six Element SMD Photodiode Array
OPR2101 OPTEK-OPR2101 Datasheet
368Kb / 2P
Six Element Photodiode Array in
OPR2100L OPTEK-OPR2100L Datasheet
278Kb / 1P
Six Element SMD LED Array
logo
TT Electronics.
OPR2101 TTELEC-OPR2101 Datasheet
842Kb / 2P
Six-Element SMD Photodide Array
logo
Silonex Inc.
SLDA-61S10-XX SILONEX-SLDA-61S10-XX Datasheet
22Kb / 1P
Multi-element Photodiode Array
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_15 Datasheet
122Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
logo
Hamamatsu Corporation
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
16-element Si photodiode array
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_08 Datasheet
122Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 7 - 2
SDM6CC DIODES-SDM6CC Datasheet
87Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 6 - 2
logo
Hamamatsu Corporation
S8558 HAMAMATSU-S8558 Datasheet
111Kb / 2P
Surface mountable 16-element photodiode array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com