Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPR2100 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPR2100
Description  Six-Element SMD Photodiode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPR2100 Datasheet(HTML) 1 Page - TT Electronics.

  OPR2100 Datasheet HTML 1Page - TT Electronics. OPR2100 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Six-Element SMD Photodiode
Array
OPR2100, OPR2100T, OPR2100HS,
OPR2100HST
© TT electronics plc
Issue E
11/2016
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each OPR2100 device is a six-element photodiode that is designed to meet the needs of motor encoder applications.
Designed specifically for industrial encoder applications, the OPR2100 features a high temperature SMD chip carrier, a
temperature range and a low leakage current that can withstand extreme operating conditions.
These devices have an opaque chip carrier that encloses six individual chips, which are mounted on isolated cathode
contacts to allow external connection in any desired configuration. The opaque polyimide package shields the photodiodes
from stray light and can withstand multiple exposures to the most demanding soldering conditions, while the gold-plated
wraparound solder pads provide exceptional storage and wetting characteristics.
See Application Bulletin 237 for handling instructions.
Applications:
Motor encoder applications
Industrial encoder applications
Features:
Six-PIN photodiode array
High-temperature chip carrier
Closely matched responsivity between elements
Choice of low or high speed
Easily mountable in any configuration
Suitable for harsh industrial operating conditions
Ordering Information
Part
Number
Sensor
# of
Elements
Responsivity
(mA/mW) Min
Reverse Voltage
Breakdown
Active Area
mm2(each)
Packaging
Bandwidth
OPR2100
Photodiode Array
6
0.45
50
3.45
Tube
55kHz
OPR2100T
Photodiode Array
6
0.45
50
3.45
Tape & Reel
55kHz
OPR2100HS
Photodiode Array
6
0.45
50
3.45
Tube
200kHz
OPR2100HST Photodiode Array
6
0.45
50
3.45
Tape & Reel
200kHz


Similar Part No. - OPR2100

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
Six Element SMD Photodiode Array
OPR2100L OPTEK-OPR2100L Datasheet
278Kb / 1P
Six Element SMD LED Array
More results

Similar Description - OPR2100

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
Six Element SMD Photodiode Array
OPR2101 OPTEK-OPR2101 Datasheet
368Kb / 2P
Six Element Photodiode Array in
OPR2100L OPTEK-OPR2100L Datasheet
278Kb / 1P
Six Element SMD LED Array
logo
TT Electronics.
OPR2101 TTELEC-OPR2101 Datasheet
842Kb / 2P
Six-Element SMD Photodide Array
logo
Silonex Inc.
SLDA-61S10-XX SILONEX-SLDA-61S10-XX Datasheet
22Kb / 1P
Multi-element Photodiode Array
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_15 Datasheet
122Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
logo
Hamamatsu Corporation
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
16-element Si photodiode array
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_08 Datasheet
122Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 7 - 2
SDM6CC DIODES-SDM6CC Datasheet
87Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 6 - 2
logo
Hamamatsu Corporation
S8558 HAMAMATSU-S8558 Datasheet
111Kb / 2P
Surface mountable 16-element photodiode array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com