Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0082286191 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0082286191
Description  2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 19 circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0082286191 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0082286191_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/23/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0082286191
Status:
Active
Description:
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 19
Circuits, Reel 30.48m Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
7767
Crimp Quality Equipment
Yes
Geographic Area
Asia
Product Name
Ribbon
UPC
800755003093
Physical
Cable Length
30.48m
Circuits (Loaded)
19
Insulation
PVC
Packaging Type
Reel
Pitch - Termination Interface
2.54mm
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
28
Wire/Cable Type
(7x36) Stranded, Topcoat
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
300V
Material Info
Engineering Number
7767-19-100B
Reference - Drawing Numbers
Sales Drawing
SD-7767-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
7767 Series
Use With
70400 C-Grid SL IDT Connector Assembly.
70475 SL IDT Connector Assembly. 7720
KK IDT Double Cantilever Contact
This document was generated on 10/23/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0082286191_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082286191 MOLEX3-0082286191 Datasheet
226Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
More results

Similar Description - 0082286191_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082285519 MOLEX3-0082285519 Datasheet
313Kb / 4P
   1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Topcoat, 19 Circuits
0082286201 MOLEX1-0082286201_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 20 circuits
0082286031 MOLEX1-0082286031_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 3 circuits
0082286141 MOLEX1-0082286141_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 14 circuits
0082286161 MOLEX1-0082286161_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 16 circuits
0082286101 MOLEX1-0082286101_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 10 circuits
0082286171 MOLEX1-0082286171_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 17 circuits
0082286181 MOLEX1-0082286181_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 18 circuits
0082286051 MOLEX1-0082286051_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 5 circuits
0082286111 MOLEX1-0082286111_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 11 circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com